Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7631BSTZRL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7631BSTZRL
Szczegółowy opis  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7631BSTZRL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7631BSTZRL Datasheet HTML 5Page - Analog Devices AD7631BSTZRL Datasheet HTML 6Page - Analog Devices AD7631BSTZRL Datasheet HTML 7Page - Analog Devices AD7631BSTZRL Datasheet HTML 8Page - Analog Devices AD7631BSTZRL Datasheet HTML 9Page - Analog Devices AD7631BSTZRL Datasheet HTML 10Page - Analog Devices AD7631BSTZRL Datasheet HTML 11Page - Analog Devices AD7631BSTZRL Datasheet HTML 12Page - Analog Devices AD7631BSTZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7631
Rev. A | Page 9 of 32
Pin No.
Mnemonic
Type1
Description
11, 12
D[4:5] or
DI/O
When MODE[1:0] = 0, 1, or 2, these pins are Bit 4 and Bit 5 of the parallel port data output bus.
DIVSCLK[0:1]
When MODE[1:0] = 3, serial data clock division selection. When using serial master read after convert
mode (EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the internally generated
serial clock that clocks the data output. In other serial modes, these pins are high impedance outputs.
13
D6 or
DO/I
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 6 of the parallel port data output bus.
EXT/INT
When MODE[1:0] = 3, Serial Data Clock Source Select. In serial mode, this input is used to select the
internally generated (master) or the external (slave) serial data clock for the AD7631 output data.
When EXT/INT = low (master mode), the internal serial data clock is selected on SDCLK output.
When EXT/INT = high (slave mode), the output data is synchronized to an external clock signal (gated by CS)
connected to the SDCLK input.
14
D7 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 7 of the parallel port data output bus.
INVSYNC
When MODE[1:0] = 3, Serial Data Invert Sync Select. In serial master mode (MODE[1:0] = 3,
EXT/INT = low), this input is used to select the active state of the SYNC signal.
When INVSYNC = low, SYNC is active high.
When INVSYNC = high, SYNC is active low.
15
D8 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 8 of the parallel port data output bus.
INVSCLK
When MODE[1:0] = 3, Invert SDCLK/SCCLK Select. This input is used to invert both SDCLK and SCCLK.
When INVSCLK = low, the rising edge of SDCLK/SCCLK are used.
When INVSCLK = high, the falling edge of SDCLK/SCCLK are used.
16
D9 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 9 of the parallel port data output bus.
RDC or
When MODE[1:0] = 3, Serial Data Read During Convert. In serial master mode (MODE[1:0] = 3,
EXT/INT = low), RDC is used to select the read mode. See the
section.
When RDC = low, the current result is read after conversion. Note the maximum throughput is
not attainable in this mode.
When RDC = high, the previous conversion result is read during the current conversion.
Master Serial Interface
SDIN
When MODE[1:0] = 3, Serial Data In. In serial slave mode (MODE[1:0] = 3, EXT/INT = high), SDIN can
be used as a data input to daisy-chain the conversion results from two or more ADCs onto a single
SDOUT line. The digital data level on SDIN is output on SDOUT with a delay of 16 SDCLK periods after
the initiation of the read sequence.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the supply of the host
interface 2.5 V, 3 V, or 5 V and decoupled with 10 μF and 100 nF capacitors.
19
DVDD
P
Digital Power. Nominally at 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors. Can
be supplied from AVDD.
20
DGND
P
Digital Power Ground. Ground reference point for digital outputs. Should be connected to system
digital ground ideally at the same potential as AGND and OGND.
21
D10 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 10 of the parallel port data output bus.
SDOUT
When MODE[1:0] = 3, Serial Data Output. In all serial modes, this pin is used as the serial data output
synchronized to SDCLK. Conversion results are stored in an on-chip register. The AD7631 provides
the conversion result, MSB first, from its internal shift register. The data format is determined by
the logic level of OB/2C.
When EXT/INT = low (master mode), SDOUT is valid on both edges of SDCLK.
When EXT/INT = high (slave mode):
When INVSCLK = low, SDOUT is updated on SDCLK rising edge.
When INVSCLK = high, SDOUT is updated on SDCLK falling edge.
22
D11 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 11 of the parallel port data output bus.
SDCLK
When MODE[1:0] = 3, Serial Data Clock. In all serial modes, this pin is used as the serial data clock
input or output, dependent on the logic state of the EXT/INT pin. The active edge where the data
SDOUT is updated depends on the logic state of the INVSCLK pin.


Podobny numer części - AD7631BSTZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7631BSTZRL AD-AD7631BSTZRL Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results

Podobny opis - AD7631BSTZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
AD7694ARMZRL7 AD-AD7694ARMZRL7 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7694BRMZ AD-AD7694BRMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7631 AD-AD7631 Datasheet
333Kb / 14P
   18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com