Zakładka z wyszukiwarką danych komponentów |
|
CD4850E1VRH Arkusz danych(PDF) 1 Page - Crydom Inc., |
|
CD4850E1VRH Arkusz danych(HTML) 1 Page - Crydom Inc., |
1 / 6 page Evolution Dual Series • 25A & 50A Output rating per channel @ 40°C • 24 to 280 & 48 to 600VAC Operating voltage • 4-15, 15-32 & 4-32VDC Control input options • Four input termination options • Zero-crossing (resistive loads) or random-fire (inductive loads) output • Input status LED indicator for each channel • Available with IP20 “Touch-Safe” Covers • UL508 Endurance Rating PRODUCT SELECTION Control Voltage 240V,25A 240V, 50A 480V, 25A 480V, 50A 4-15 VDC CD2425D1U CD2450D1U CD4825D1U CD4850D1U 15-32VDC CD2425E1U CD2450E1U CD4825E1U CD4850E1U 4-32 VDC CD2425W1U CD2450W1U CD4825W1U CD4850W1U AVAILABLE OPTIONS OUTPUT SPECIFICATIONS (1) Description Cx2425xxxx Cx2450xxxx Cx4825xxxx Cx4850xxxx Operating Voltage (47-440Hz) [Vrms] 24-280 24-280 48-600 48-600 Load Current Range (3) [Arms] 0.15-25 0.15-50 0.15-25 0.15-50 Transient Overvoltage [Vpk] 600 600 1200 1200 Maximum Off-State Leakage Current @ Rated Voltage [mArms] 1.0 1.0 1.0 1.0 Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2) 500 500 500 500 Maximum 1 Cycle Surge Current (50/60) [Apk] 275/300 710/750 275/300 710/750 Maximum Surge Current 50Hz (20ms) [Apk] 275 710 275 710 Maximum On-State Voltage Drop @ Rated Current [Vpk] 1.3 1.3 1.3 1.3 Thermal Resistance Junction to Case (Rjc) [°C/W] 0.65 0.33 0.65 0.33 Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec] 380/370 2520/2320 380/370 2520/2320 Minimum Power Factor (with Maximum Load) 0.5 0.5 0.5 0.5 |
Podobny numer części - CD4850E1VRH |
|
Podobny opis - CD4850E1VRH |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |