Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4825D2URH Arkusz danych(PDF) 1 Page - Crydom Inc.,

Numer części CD4825D2URH
Szczegółowy opis  EVOLUTION DUAL SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYDOM [Crydom Inc.,]
Strona internetowa  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CD4825D2URH Arkusz danych(HTML) 1 Page - Crydom Inc.,

  CD4825D2URH Datasheet HTML 1Page - Crydom Inc., CD4825D2URH Datasheet HTML 2Page - Crydom Inc., CD4825D2URH Datasheet HTML 3Page - Crydom Inc., CD4825D2URH Datasheet HTML 4Page - Crydom Inc., CD4825D2URH Datasheet HTML 5Page - Crydom Inc., CD4825D2URH Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evolution Dual Series
• 25A & 50A Output rating per channel @ 40°C
• 24 to 280 & 48 to 600VAC Operating voltage
• 4-15, 15-32 & 4-32VDC Control input options
• Four input termination options
• Zero-crossing (resistive loads) or random-fire (inductive loads)
output
• Input status LED indicator for each channel
• Available with IP20 “Touch-Safe” Covers
• UL508 Endurance Rating
PRODUCT SELECTION
Control Voltage
240V,25A
240V, 50A
480V, 25A
480V, 50A
4-15 VDC
CD2425D1U
CD2450D1U
CD4825D1U
CD4850D1U
15-32VDC
CD2425E1U
CD2450E1U
CD4825E1U
CD4850E1U
4-32 VDC
CD2425W1U
CD2450W1U
CD4825W1U
CD4850W1U
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
Cx2425xxxx
Cx2450xxxx
Cx4825xxxx
Cx4850xxxx
Operating Voltage (47-440Hz) [Vrms]
24-280
24-280
48-600
48-600
Load Current Range (3) [Arms]
0.15-25
0.15-50
0.15-25
0.15-50
Transient Overvoltage [Vpk]
600
600
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
1.0
1.0
1.0
1.0
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
500
Maximum 1 Cycle Surge Current (50/60) [Apk]
275/300
710/750
275/300
710/750
Maximum Surge Current 50Hz (20ms) [Apk]
275
710
275
710
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
1.3
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.65
0.33
0.65
0.33
Maximum I² t for Fusing 50/60Hz (1/2 cycle) [A² sec]
380/370
2520/2320
380/370
2520/2320
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5


Podobny numer części - CD4825D2URH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
CD4825D1U CRYDOM-CD4825D1U Datasheet
1Mb / 6P
   panel mount
More results

Podobny opis - CD4825D2URH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
CD2425W2U CRYDOM-CD2425W2U Datasheet
905Kb / 6P
   Evolution Dual Series
Rev. 060916
logo
ASM GmbH
RM3542 ASM-SENSOR-RM3542 Datasheet
2Mb / 8P
   An Evolution in Stable Measurements
logo
List of Unclassifed Man...
K10B ETC2-K10B Datasheet
47Kb / 2P
   Evolution Standard First Aid Kits
logo
Cherry Semiconductor Co...
G85-23100EU-2 CHERRY-G85-23100EU-2 Datasheet
108Kb / 2P
   eVolution STREAM XT Corded MultiMedia Keyboard
logo
List of Unclassifed Man...
6CTC2AL ETC-6CTC2AL Datasheet
125Kb / 2P
   6CT Evolution??Poke Thru Surface Style Cover, Aluminum
October 17 2021
logo
Molex Electronics Ltd.
0734205930 MOLEX-0734205930 Datasheet
23Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 14.90mm Length, Gold Plated Body, Machined Center Contact, Tray
08/26/2022
0734205840 MOLEX-0734205840 Datasheet
34Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 9.50mm Length, Gold Plated Body, Machined Center Contact, Tray
08/26/2022
0734205861 MOLEX-0734205861 Datasheet
26Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 12.15mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022
0734206171 MOLEX-0734206171 Datasheet
28Kb / 1P
   50 Ohms, SMP-MAX Evolution II Female-to-SMP-MAX Evolution II Female Bullet Adapter, 8.80mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022
0734206260 MOLEX-0734206260 Datasheet
27Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 10.95mm Length, Gold Plated Body, Machined Center Contact, Tray
08/27/2022
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com