Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4825D2URH Arkusz danych(PDF) 2 Page - Crydom Inc.,

Numer części CD4825D2URH
Szczegółowy opis  EVOLUTION DUAL SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYDOM [Crydom Inc.,]
Strona internetowa  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CD4825D2URH Arkusz danych(HTML) 2 Page - Crydom Inc.,

  CD4825D2URH Datasheet HTML 1Page - Crydom Inc., CD4825D2URH Datasheet HTML 2Page - Crydom Inc., CD4825D2URH Datasheet HTML 3Page - Crydom Inc., CD4825D2URH Datasheet HTML 4Page - Crydom Inc., CD4825D2URH Datasheet HTML 5Page - Crydom Inc., CD4825D2URH Datasheet HTML 6Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INPUT SPECIFICATIONS (1)
Description
CxxxDxxx
CxxxExxx
CxxxWxxx
Control Voltage Range
4-15 VDC
15-32 VDC
4-32 VDC
Minimum Turn-On Voltage
4 VDC
15 VDC
4 VDC
Minimum Turn-Off Voltage
1 .0 VDC
1 .0 VDC
1 .0 VDC
Typical Input Current
16 mA @ 5 VDC
18 mA @ 24 VDC
10 mA @ 12 VDC
Nominal Input Impedance
300 Ohm
1500 Ohm
See Note 5
Maximum Turn-On Time [msec] (4)
1/2 Cycle
1/2 Cycle
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output (50/60Hz)
4000 Vrms
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5 g)
Terminals
Screw Type Output: 8-32
Max. Torque
Output: 20 in lb (2.2Nm)
Max. Wire Size
Output:2 x AWG 8 (3.8mm)
GENERAL NOTES
1) All parameters at 25°C and per section unless otherwise specified.
2) Off-state dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Heat sinking required, see derating curves.
4) Turn-on time for random turn-on (R) versions is 0.1 msec.
5) Input circuit incorporates active current limitation
WIRING DIAGRAM


Podobny numer części - CD4825D2URH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
CD4825D1U CRYDOM-CD4825D1U Datasheet
1Mb / 6P
   panel mount
More results

Podobny opis - CD4825D2URH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crydom Inc.,
CD2425W2U CRYDOM-CD2425W2U Datasheet
905Kb / 6P
   Evolution Dual Series
Rev. 060916
logo
ASM GmbH
RM3542 ASM-SENSOR-RM3542 Datasheet
2Mb / 8P
   An Evolution in Stable Measurements
logo
List of Unclassifed Man...
K10B ETC2-K10B Datasheet
47Kb / 2P
   Evolution Standard First Aid Kits
logo
Cherry Semiconductor Co...
G85-23100EU-2 CHERRY-G85-23100EU-2 Datasheet
108Kb / 2P
   eVolution STREAM XT Corded MultiMedia Keyboard
logo
List of Unclassifed Man...
6CTC2AL ETC-6CTC2AL Datasheet
125Kb / 2P
   6CT Evolution??Poke Thru Surface Style Cover, Aluminum
October 17 2021
logo
Molex Electronics Ltd.
0734205930 MOLEX-0734205930 Datasheet
23Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 14.90mm Length, Gold Plated Body, Machined Center Contact, Tray
08/26/2022
0734205840 MOLEX-0734205840 Datasheet
34Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 9.50mm Length, Gold Plated Body, Machined Center Contact, Tray
08/26/2022
0734205861 MOLEX-0734205861 Datasheet
26Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 12.15mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022
0734206171 MOLEX-0734206171 Datasheet
28Kb / 1P
   50 Ohms, SMP-MAX Evolution II Female-to-SMP-MAX Evolution II Female Bullet Adapter, 8.80mm Length, Tri-Metal Plated Body, Machined Center Contact, Tray
08/27/2022
0734206260 MOLEX-0734206260 Datasheet
27Kb / 1P
   50 Ohms, SMP-MAX Evolution Female-to-SMP-MAX Evolution Female Bullet Adapter, 10.95mm Length, Gold Plated Body, Machined Center Contact, Tray
08/27/2022
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com