Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AVC2T45DC Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74AVC2T45DC
Szczegółowy opis  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45DC Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74AVC2T45DC Datasheet HTML 1Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 2Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 3Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 4Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 5Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
74AVC2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 February 2013
5 of 27
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
8.
Limiting values
[1]
The minimum input voltage rating and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 4.6 V.
[4]
For TSSOP8 package: above 55
C the value of P
tot derates linearly at 2.5 mW/K.
For VSSOP8 package: above 110
C the value of P
tot derates linearly with 8 mW/K.
For XSON8 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the input port.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+4.6
V
VCC(B)
supply voltage B
0.5
+4.6
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+4.6
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode
[1][2][3]
0.5
VCCO +0.5
V
Suspend or 3-state mode
[1]
0.5
+4.6
V
IO
output current
VO =0Vto VCCO
-
50
mA
ICC
supply current
ICC(A) or ICC(B)
-100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[4] -250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.8
3.6
V
VCC(B)
supply voltage B
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
[1] 0VCCO
V
Suspend or 3-state mode
0
3.6
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCCI = 0.8 V to 3.6 V
[2] -5
ns/V


Podobny numer części - 74AVC2T45DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVC2T45DC NXP-74AVC2T45DC Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVC2T45DC NXP-74AVC2T45DC Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45DC NEXPERIA-74AVC2T45DC Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45DC-Q100 NEXPERIA-74AVC2T45DC-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
More results

Podobny opis - 74AVC2T45DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com