Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT00N Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT00N
Szczegółowy opis  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT00N Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT00N Datasheet HTML 1Page - NXP Semiconductors 74HCT00N Datasheet HTML 2Page - NXP Semiconductors 74HCT00N Datasheet HTML 3Page - NXP Semiconductors 74HCT00N Datasheet HTML 4Page - NXP Semiconductors 74HCT00N Datasheet HTML 5Page - NXP Semiconductors 74HCT00N Datasheet HTML 6Page - NXP Semiconductors 74HCT00N Datasheet HTML 7Page - NXP Semiconductors 74HCT00N Datasheet HTML 8Page - NXP Semiconductors 74HCT00N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74HC_HCT00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 14 December 2011
5 of 16
NXP Semiconductors
74HC00; 74HCT00
Quad 2-input NAND gate
10. Dynamic characteristics
CI
input
capacitance
-3.5
--
-
-
-
pF
74HCT00
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
-
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A
-
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA
-
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A; VCC = 4.5 V
-0
--
0.1
-
0.1
V
IO = 5.2 mA; VCC = 6.0 V
-
0.15
-
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC =6.0 V
----
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =6.0 V
----
20
-
40
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.1 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
150
-
-
675
-
735
A
CI
input
capacitance
-3.5
--
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC00
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 2.0 V
-
25
-
115
135
ns
VCC = 4.5 V
-
9
-
23
27
ns
VCC = 5.0 V; CL =15pF
-
7
-
-
-
ns
VCC = 6.0 V
-
7
-
20
23
ns
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
19
-
95
110
ns
VCC = 4.5 V
-
7
-
19
22
ns
VCC = 6.0 V
-
6
-
16
19
ns


Podobny numer części - 74HCT00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT00N PHILIPS-74HCT00N Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
74HCT00N NXP-74HCT00N Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HCT00N PHILIPS-74HCT00N Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
More results

Podobny opis - 74HCT00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com