Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT00N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT00N
Szczegółowy opis  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT00N Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT00N Datasheet HTML 2Page - NXP Semiconductors 74HCT00N Datasheet HTML 3Page - NXP Semiconductors 74HCT00N Datasheet HTML 4Page - NXP Semiconductors 74HCT00N Datasheet HTML 5Page - NXP Semiconductors 74HCT00N Datasheet HTML 6Page - NXP Semiconductors 74HCT00N Datasheet HTML 7Page - NXP Semiconductors 74HCT00N Datasheet HTML 8Page - NXP Semiconductors 74HCT00N Datasheet HTML 9Page - NXP Semiconductors 74HCT00N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74HC_HCT00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 14 December 2011
6 of 16
NXP Semiconductors
74HC00; 74HCT00
Quad 2-input NAND gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
CPD
power dissipation
capacitance
per package; VI =GND to VCC
[3]
-22-
-
-
pF
74HCT00
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 4.5 V
-
12
-
24
29
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
--2922
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-22-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; CL = 50 pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input to output propagation delays
001aai814
nA, nB input
VI
GND
VOH
VOL
nY output
tTHL
tTLH
VM
VM
VX
VY
tPHL
tPLH
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC00
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT00
1.3 V
1.3 V
0.1VCC
0.9VCC


Podobny numer części - 74HCT00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT00N PHILIPS-74HCT00N Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
74HCT00N NXP-74HCT00N Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HCT00N PHILIPS-74HCT00N Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
More results

Podobny opis - 74HCT00N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com