Zakładka z wyszukiwarką danych komponentów |
|
74HCT00D Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74HCT00D Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 16 page 74HC_HCT00 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 14 December 2011 3 of 16 NXP Semiconductors 74HC00; 74HCT00 Quad 2-input NAND gate 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For DIP14 package: Ptot derates linearly with 12 mW/K above 70 C. For SO14 package: Ptot derates linearly with 8 mW/K above 70 C. For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C. For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 C. 1Y to 4Y 3, 6, 8, 11 data output GND 7 ground (0 V) VCC 14 supply voltage Table 2. Pin description …continued Symbol Pin Description Table 3. Function table[1] Input Output nA nB nY LX H XL H HHL Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +7 V IIK input clamping current VI < 0.5 V or VI >VCC +0.5 V [1] - 20 mA IOK output clamping current VO < 0.5 V or VO >VCC +0.5 V [1] - 20 mA IO output current 0.5 V < V O < VCC +0.5 V - 25 mA ICC supply current - 50 mA IGND ground current 50 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation [2] DIP14 package - 750 mW SO14, (T)SSOP14 and DHVQFN14 packages - 500 mW |
Podobny numer części - 74HCT00D |
|
Podobny opis - 74HCT00D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |