Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT00D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT00D
Szczegółowy opis  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT00D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT00D Datasheet HTML 1Page - NXP Semiconductors 74HCT00D Datasheet HTML 2Page - NXP Semiconductors 74HCT00D Datasheet HTML 3Page - NXP Semiconductors 74HCT00D Datasheet HTML 4Page - NXP Semiconductors 74HCT00D Datasheet HTML 5Page - NXP Semiconductors 74HCT00D Datasheet HTML 6Page - NXP Semiconductors 74HCT00D Datasheet HTML 7Page - NXP Semiconductors 74HCT00D Datasheet HTML 8Page - NXP Semiconductors 74HCT00D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74HC00; 74HCT00 are high-speed Si-gate CMOS devices that comply with JEDEC
standard no. 7A. They are pin compatible with Low-power Schottky TTL (LSTTL).
The 74HC00; 74HCT00 provides a quad 2-input NAND function.
2.
Features and benefits
Input levels:
For 74HC00: CMOS level
For 74HCT00: TTL level
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Multiple package options
Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC00; 74HCT00
Quad 2-input NAND gate
Rev. 6 — 14 December 2011
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC00N
40 C to +125 C
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT00N
74HC00D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT00D
74HC00DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT00DB
74HC00PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT00PW
74HC00BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT00BQ


Podobny numer części - 74HCT00D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT00D PHILIPS-74HCT00D Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
74HCT00D NXP-74HCT00D Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HCT00D PHILIPS-74HCT00D Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
logo
Nexperia B.V. All right...
74HCT00D NEXPERIA-74HCT00D Datasheet
239Kb / 12P
   Quad 2-input NAND gate
Rev. 9 - 22 October 2021
74HCT00D-Q100 NEXPERIA-74HCT00D-Q100 Datasheet
240Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 22 October 2021
More results

Podobny opis - 74HCT00D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com