Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT14N
Szczegółowy opis  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT14N Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT14N Datasheet HTML 2Page - NXP Semiconductors 74HCT14N Datasheet HTML 3Page - NXP Semiconductors 74HCT14N Datasheet HTML 4Page - NXP Semiconductors 74HCT14N Datasheet HTML 5Page - NXP Semiconductors 74HCT14N Datasheet HTML 6Page - NXP Semiconductors 74HCT14N Datasheet HTML 7Page - NXP Semiconductors 74HCT14N Datasheet HTML 8Page - NXP Semiconductors 74HCT14N Datasheet HTML 9Page - NXP Semiconductors 74HCT14N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
74HC_HCT14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 19 September 2012
6 of 21
NXP Semiconductors
74HC14; 74HCT14
Hex inverting Schmitt trigger
11. Dynamic characteristics
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
Table 7.
Dynamic characteristics
GND = 0 V; CL =50 pF; for test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to
+125
C
Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC14
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
41
125
155
190
ns
VCC = 4.5 V
-
15
25
31
38
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
VCC = 6.0 V
-
12
21
26
32
ns
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
15
19
ns
CPD
power dissipation
capacitance
per package; VI =GND to VCC
[3]
-7-
-
-
pF
74HCT14
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 4.5 V
-
20
34
43
51
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-8-
-
-
pF


Podobny numer części - 74HCT14N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT14N PHILIPS-74HCT14N Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
74HCT14N NXP-74HCT14N Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
More results

Podobny opis - 74HCT14N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com