Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14DB Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HCT14DB
Szczegółowy opis  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT14DB Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT14DB Datasheet HTML 4Page - NXP Semiconductors 74HCT14DB Datasheet HTML 5Page - NXP Semiconductors 74HCT14DB Datasheet HTML 6Page - NXP Semiconductors 74HCT14DB Datasheet HTML 7Page - NXP Semiconductors 74HCT14DB Datasheet HTML 8Page - NXP Semiconductors 74HCT14DB Datasheet HTML 9Page - NXP Semiconductors 74HCT14DB Datasheet HTML 10Page - NXP Semiconductors 74HCT14DB Datasheet HTML 11Page - NXP Semiconductors 74HCT14DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 19 September 2012
8 of 21
NXP Semiconductors
74HC14; 74HCT14
Hex inverting Schmitt trigger
13. Transfer characteristics
14. Transfer characteristics waveforms
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC14
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT14
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 8 and Figure 9.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
74HC14
VT+
positive-going
threshold
voltage
VCC = 2.0 V
0.7
1.18
1.5
0.7
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
2.38
3.15
1.7
3.15
1.7
3.15
V
VCC = 6.0 V
2.1
3.14
4.2
2.1
4.2
2.1
4.2
V
VT
negative-going
threshold
voltage
VCC = 2.0 V
0.3
0.52
0.9
0.3
0.9
0.3
0.9
V
VCC = 4.5 V
0.9
1.4
2.0
0.9
2.0
0.9
2.0
V
VCC = 6.0 V
1.2
1.89
2.6
1.2
2.6
1.2
2.6
V
VH
hysteresis
voltage
VCC = 2.0 V
0.2
0.66
1.0
0.2
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.98
1.4
0.4
1.4
0.4
1.4
V
VCC = 6.0 V
0.6
1.25
1.6
0.6
1.6
0.6
1.6
V
74HCT14
VT+
positive-going
threshold
voltage
VCC = 4.5 V
1.2
1.41
1.9
1.2
1.9
1.2
1.9
V
VCC = 5.5 V
1.4
1.59
2.1
1.4
2.1
1.4
2.1
V
VT
negative-going
threshold
voltage
VCC = 4.5 V
0.5
0.85
1.2
0.5
1.2
0.5
1.2
V
VCC = 5.5 V
0.6
0.99
1.4
0.6
1.4
0.6
1.4
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
0.56
-
0.4
-
0.4
-
V
VCC = 5.5 V
0.4
0.6
-
0.4
-
0.4
-
V
Fig 8.
Transfer characteristics
Fig 9.
Transfer characteristics definitions
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Podobny numer części - 74HCT14DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT14DB PHILIPS-74HCT14DB Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
74HCT14DB NXP-74HCT14DB Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
More results

Podobny opis - 74HCT14DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com