Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT138N Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74HCT138N
Szczegółowy opis  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT138N Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74HCT138N Datasheet HTML 1Page - NXP Semiconductors 74HCT138N Datasheet HTML 2Page - NXP Semiconductors 74HCT138N Datasheet HTML 3Page - NXP Semiconductors 74HCT138N Datasheet HTML 4Page - NXP Semiconductors 74HCT138N Datasheet HTML 5Page - NXP Semiconductors 74HCT138N Datasheet HTML 6Page - NXP Semiconductors 74HCT138N Datasheet HTML 7Page - NXP Semiconductors 74HCT138N Datasheet HTML 8Page - NXP Semiconductors 74HCT138N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
2 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC138N
−40 °Cto+125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT138N
74HC138D
−40 °Cto+125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74 HCT138D
74HC138DB
−40 °Cto+125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT138DB
74HC138PW
−40 °Cto+125 °C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74HCT138PW
74HC138BQ
−40 °Cto+125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT138BQ
Fig 1.
Logic symbol
Fig 2.
Functional diagram
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3
2
1
6
5
4
E2
E1
E3
mna370
mna372
ENABLE
EXITING
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3-to-8
DECODER
3
2
1
6
5
4
E2
E1
E3


Podobny numer części - 74HCT138N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT138N PHILIPS-74HCT138N Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74HCT138N NXP-74HCT138N Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
More results

Podobny opis - 74HCT138N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com