Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT164N Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74HCT164N
Szczegółowy opis  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT164N Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT164N Datasheet HTML 4Page - NXP Semiconductors 74HCT164N Datasheet HTML 5Page - NXP Semiconductors 74HCT164N Datasheet HTML 6Page - NXP Semiconductors 74HCT164N Datasheet HTML 7Page - NXP Semiconductors 74HCT164N Datasheet HTML 8Page - NXP Semiconductors 74HCT164N Datasheet HTML 9Page - NXP Semiconductors 74HCT164N Datasheet HTML 10Page - NXP Semiconductors 74HCT164N Datasheet HTML 11Page - NXP Semiconductors 74HCT164N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
8 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
fmax
maximum
frequency
for Cp, see Figure 7
VCC = 2.0 V
6
23
-
5
-
4
-
MHz
VCC = 4.5 V
30
71
-
24
-
20
-
MHz
VCC = 5.0 V; CL =15pF
-
78
-
-
-
-
-
MHz
VCC = 6.0 V
35
85
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC
[3]
-40-
-
-
-
-
pF
74HCT164
tpd
propagation
delay
CP to Qn; see Figure 7
[1]
VCC = 4.5 V
-
17
36
-
45
-
54
ns
VCC = 5.0 V; CL =15pF
-
14
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 8
VCC = 4.5 V
-
19
38
-
48
-
57
ns
VCC = 5.0 V; CL =15pF
-
16
-
-
-
-
-
ns
tt
transition time
see Figure 7
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
CP HIGH or LOW;
see Figure 7
VCC = 4.5 V
18
7
-
23
-
27
-
ns
MR LOW; see Figure 8
VCC = 4.5 V
18
10
-
23
-
27
-
ns
trec
recovery time
MR to CP; see Figure 8
VCC = 4.5 V
16
7
-
20
-
24
-
ns
tsu
set-up time
DSA, and DSB to CP;
see Figure 9
VCC = 4.5 V
12
6
-
15
-
18
-
ns
th
hold time
DSA, and DSB to CP;
see Figure 9
VCC = 4.5 V
+4
2-
4
-
4
-
ns
fmax
maximum
frequency
for Cp, see Figure 7
VCC = 4.5 V
27
55
-
22
-
18
-
MHz
VCC = 5.0 V; CL =15pF
-
61
-
-
-
-
-
MHz
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Podobny numer części - 74HCT164N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT164N PHILIPS-74HCT164N Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HCT164N NXP-74HCT164N Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
More results

Podobny opis - 74HCT164N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com