Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT164N Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HCT164N
Szczegółowy opis  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT164N Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HCT164N Datasheet HTML 1Page - NXP Semiconductors 74HCT164N Datasheet HTML 2Page - NXP Semiconductors 74HCT164N Datasheet HTML 3Page - NXP Semiconductors 74HCT164N Datasheet HTML 4Page - NXP Semiconductors 74HCT164N Datasheet HTML 5Page - NXP Semiconductors 74HCT164N Datasheet HTML 6Page - NXP Semiconductors 74HCT164N Datasheet HTML 7Page - NXP Semiconductors 74HCT164N Datasheet HTML 8Page - NXP Semiconductors 74HCT164N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC164; 74HCT164 is an 8-bit serial-in/parallel-out shift register. The device
features two serial data inputs (DSA and DSB), eight parallel data outputs (Q0 to Q7).
Data is entered serially through DSA or DSB and either input can be used as an active
HIGH enable for data entry through the other input. Data is shifted on the LOW-to-HIGH
transitions of the clock (CP) input. A LOW on the master reset input (MR) clears the
register and forces all outputs LOW, independently of other inputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
2.
Features and benefits
Input levels:
For 74HC164: CMOS level
For 74HCT164: TTL level
Gated serial data inputs
Asynchronous master reset
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
Multiple package options
Specified from
40 C to +85 C and 40 C to +125 C.
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
Rev. 7 — 13 June 2013
Product data sheet


Podobny numer części - 74HCT164N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT164N PHILIPS-74HCT164N Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HCT164N NXP-74HCT164N Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
More results

Podobny opis - 74HCT164N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com