Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT138BQ Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT138BQ
Szczegółowy opis  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT138BQ Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT138BQ Datasheet HTML 3Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 4Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 5Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT138BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
7 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
10. Dynamic characteristics
ΔICC
additional
supply current
VI =VCC
− 2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
IO =0A
per input pin; An inputs
-
150
540
-
675
-
735
μA
per input pin; En inputs
-
125
450
-
562.5
-
612.5
μA
per input pin; E3 input
-
100
360
-
450
-
490
μA
CI
input
capacitance
-3.5
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25
°C
Tamb =
−40 °C to
+85
°C
Tamb =
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = 25
°C
Tamb =
−40 °C
to +85
°C
Tamb =
−40 °C
to +125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74HC138
tpd
propagation
delay
An to Yn; see Figure 6
[1]
VCC = 2.0 V
-
41
150
-
190
-
225
ns
VCC = 4.5 V
-
15
30
-
38
-
45
ns
VCC =5V; CL =15pF
-
12
-
-
-
-
-
ns
VCC = 6.0 V
-
12
26
-
33
-
38
ns
E3 to Yn; see Figure 6
[1]
VCC = 2.0 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
20
-
38
-
45
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
Ento Yn; see Figure 7
[1]
VCC = 2.0 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
20
-
38
-
45
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
tt
transition
time
Yn; see Figure 6 and
Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[3]
-67
-
-
-
-
-
pF


Podobny numer części - 74HCT138BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT138BQ NXP-74HCT138BQ Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
logo
Nexperia B.V. All right...
74HCT138BQ NEXPERIA-74HCT138BQ Datasheet
274Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 9 - 13 August 2021
logo
NXP Semiconductors
74HCT138BQ-Q100 NXP-74HCT138BQ-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Nexperia B.V. All right...
74HCT138BQ-Q100 NEXPERIA-74HCT138BQ-Q100 Datasheet
273Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 13 August 2021
More results

Podobny opis - 74HCT138BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com