Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT244N Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT244N
Szczegółowy opis  Octal buffer/line driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT244N Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT244N Datasheet HTML 2Page - NXP Semiconductors 74HCT244N Datasheet HTML 3Page - NXP Semiconductors 74HCT244N Datasheet HTML 4Page - NXP Semiconductors 74HCT244N Datasheet HTML 5Page - NXP Semiconductors 74HCT244N Datasheet HTML 6Page - NXP Semiconductors 74HCT244N Datasheet HTML 7Page - NXP Semiconductors 74HCT244N Datasheet HTML 8Page - NXP Semiconductors 74HCT244N Datasheet HTML 9Page - NXP Semiconductors 74HCT244N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 24 September 2012
6 of 18
NXP Semiconductors
74HC244; 74HCT244
Octal buffer/line driver; 3-state
10. Dynamic characteristics
74HCT244
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO = 20 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 6 mA
3.98 4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO =20 A
-
0
0.1
-
0.1
-
0.1
V
IO = 6.0 mA
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =5.5 V
--
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
per input pin; VI =VIH or VIL;
VO =VCC or GND;
other inputs at VCC or GND;
VCC =5.5 V; IO =0A
--
0.5
-
5.0
-
10
A
ICC
supply current VI =VCC or GND;
VCC =5.5 V; IO =0A
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
IO =0A
-
70
252
-
315
-
343
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; for load circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC244
tpd
propagation delay
nAn to nYn;
see Figure 6
[1]
VCC = 2.0 V
-
30
110
145
165
ns
VCC = 4.5 V
-
11
22
28
33
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
VCC = 6.0 V
-
9
19
24
28
ns


Podobny numer części - 74HCT244N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT244N PHILIPS-74HCT244N Datasheet
39Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74HCT244N PHILIPS-74HCT244N Datasheet
127Kb / 22P
   Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HCT244N NXP-74HCT244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244N PHILIPS-74HCT244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HCT244N PHILIPS-74HCT244N Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
More results

Podobny opis - 74HCT244N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com