Zakładka z wyszukiwarką danych komponentów |
|
74HCT164PW Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
74HCT164PW Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 20 page 74HC_HCT164 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 7 — 13 June 2013 2 of 20 NXP Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC164N 40 C to +125 C DIP14 plastic dual in-line package; 14 leads (300 mil) SOT27-1 74HCT164N 74HC164D 40 C to +125 C SO14 plastic small outline package; 14 leads; body width 3.9 mm SOT108-1 74HCT164D 74HC164DB 40 C to +125 C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74HCT164DB 74HC164PW 40 C to +125 C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74HCT164PW 74HC164BQ 40 C to +125 C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm SOT762-1 74HCT164BQ Fig 1. Logic symbol Fig 2. IEC logic symbol 001aac423 3 1 2 4 5 6 10 11 12 13 8 9 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CP DSB DSA MR 001aac424 9 8 & 3 1 2 4 5 6 10 11 13 12 R C1/ 1D SRG8 Fig 3. Logic diagram 001aac425 1 2 310 13 6 412 511 8 9 Q0 Q1 Q2 8-BIT SERIAL −IN/PARALLEL−OUT SHIFT REGISTER Q3 Q4 Q5 Q6 Q7 DSB CP MR DSA |
Podobny numer części - 74HCT164PW |
|
Podobny opis - 74HCT164PW |