Zakładka z wyszukiwarką danych komponentów |
|
74HC595D-Q100 Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74HC595D-Q100 Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 23 page 74HC_HCT595_Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 10 April 2013 8 of 23 NXP Semiconductors 74HC595-Q100; 74HCT595-Q100 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state VOL LOW-level output voltage VI =VIH or VIL all outputs IO =20 A; VCC = 2.0 V - 0 0.1 - 0.1 V IO =20 A; VCC = 4.5 V - 0 0.1 - 0.1 V IO =20 A; VCC = 6.0 V - 0 0.1 - 0.1 V Q7S output IO =4mA; VCC = 4.5 V - 0.15 0.33 - 0.4 V IO =5.2 mA; VCC = 6.0 V - 0.16 0.33 - 0.4 V Qn bus driver outputs IO =6mA; VCC = 4.5 V - 0.15 0.33 - 0.4 V IO =7.8 mA; VCC = 6.0 V - 0.16 0.33 - 0.4 V II input leakage current VI =VCC or GND; VCC =6.0 V - - 1.0 - 1.0 A IOZ OFF-state output current VI =VIH or VIL; VCC =6.0 V; VO =VCC or GND -- 5.0 - 10 A ICC supply current VI =VCC or GND; IO =0A; VCC =6.0 V - - 80 - 160 A CI input capacitance -3.5 - - - pF Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max |
Podobny numer części - 74HC595D-Q100 |
|
Podobny opis - 74HC595D-Q100 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |