Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC6259DWG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC6259DWG4
Szczegółowy opis  POWER LOGIC 8-BIT ADDRESSABLE LATCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPIC6259DWG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPIC6259DWG4 Datasheet HTML 1Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 2Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 3Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 4Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 5Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 6Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 7Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 8Page - Texas Instruments TPIC6259DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPIC6259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS009A – APRIL 1992 – REVISED SEPTEMBER 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
schematic of inputs and outputs
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL DRAIN OUTPUTS
VCC
Input
LGND
PGND
DRAIN
45 V
12 V
25 V
12 V
LGND
absolute maximum ratings over the recommended operating case temperature range (unless
otherwise noted)
Logic supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
45 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-drain diode anode current
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed source-drain diode anode current
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, IDn, TA = 25°C (see Note 3)
750 mA
. . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, IDn, TA = 25°C
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Peak drain current single output, IDM, TA = 25°C (see Note 3)
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Note 4)
75 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche current, IAS (see Note 4)
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to LGND and PGND.
2. Each power DMOS source is internally connected to PGND.
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
4. DRAIN supply voltage = 15 V, starting junction temperature, (TJS) = 25°C, L = 100 mH, IAS = 1 A (see Figure 4).
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 125°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
225 mW
N
1150 mW
9.2 mW/
°C
230 mW


Podobny numer części - TPIC6259DWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6259DW TI-TPIC6259DW Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results

Podobny opis - TPIC6259DWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
   POWER LOGIC 8-BIT ADDRESSABLE LATCH
March 2001
logo
Texas Instruments
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
[Old version datasheet]   POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com