Zakładka z wyszukiwarką danych komponentów |
|
1PS75SB45 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
1PS75SB45 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 21 page BAS40_1PSXXSB4X_SER_8 © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 08 — 13 January 2010 2 of 21 NXP Semiconductors BAS40 series; 1PSxxSB4x series General-purpose Schottky diodes 1.2 Features 1.3 Applications 1.4 Quick reference data [1] Pulse test: tp ≤ 300 μs; δ≤ 0.02. 2. Pinning information High switching speed Low leakage current High breakdown voltage Low capacitance Ultra high-speed switching Voltage clamping Table 2. Quick reference data Symbol Parameter Conditions Min Typ Max Unit Per diode IF forward current - - 120 mA VF forward voltage IF =1mA [1] --380 mV VR reverse voltage - - 40 V Table 3. Pinning Pin Description Simplified outline Symbol BAS40H; 1PS76SB40; 1PS79SB40 1 cathode [1] 2 anode BAS40L 1 cathode [1] 2 anode BAS40; BAS40W; 1PS70SB40 1 anode 2 not connected 3 cathode 001aab540 12 sym001 12 2 1 Transparent top view sym001 12 006aaa144 12 3 006aaa436 1 3 2 n.c. |
Podobny numer części - 1PS75SB45 |
|
Podobny opis - 1PS75SB45 |