Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2586SX-ADJ Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM2586SX-ADJ
Szczegółowy opis  LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2586SX-ADJ Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM2586SX-ADJ Datasheet HTML 7Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 8Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 9Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 10Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 11Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 12Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 13Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 14Page - Texas Instruments LM2586SX-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LM2586
www.ti.com
SNVS121D – MAY 1996 – REVISED APRIL 2013
CIN1—100 μF, 25V Aluminum Electrolytic
CIN2—0.1 μF Ceramic
L—15
μH, Renco #RL-5472-5
D—1N5820
COUT—680 μF, 16V Aluminum Electrolytic
CC—0.47 μF Ceramic
RC—2k
For 12V Devices: R1 = Short (0
Ω) and 2 = Open
For ADJ Devices: R1 = 48.75k, ±0.1% and 2 = 5.62k, ±0.1%
Figure 21. LM2586-12 and LM2586-ADJ
Block Diagram
For Fixed Versions
3.3V, R1 = 3.4k, R2 = 2k
5.0V, R1 = 6.15k, R2 = 2k
12V, R1 = 8.73k, R2 = 1k
For Adj. Version
R1 = Short (0
Ω), R2 = Open
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2586


Podobny numer części - LM2586SX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586SX-ADJ NSC-LM2586SX-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586SX-ADJ TI1-LM2586SX-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2586SX-ADJ/NOPB TI1-LM2586SX-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results

Podobny opis - LM2586SX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com