Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2670S-3.3 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM2670S-3.3
Szczegółowy opis  LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2670S-3.3 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2670S-3.3 Datasheet HTML 1Page - Texas Instruments LM2670S-3.3 Datasheet HTML 2Page - Texas Instruments LM2670S-3.3 Datasheet HTML 3Page - Texas Instruments LM2670S-3.3 Datasheet HTML 4Page - Texas Instruments LM2670S-3.3 Datasheet HTML 5Page - Texas Instruments LM2670S-3.3 Datasheet HTML 6Page - Texas Instruments LM2670S-3.3 Datasheet HTML 7Page - Texas Instruments LM2670S-3.3 Datasheet HTML 8Page - Texas Instruments LM2670S-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM2670
www.ti.com
SNVS036J – APRIL 2000 – REVISED APRIL 2013
Operating Ratings
Supply Voltage
8V to 40V
Junction Temperature Range (TJ)
−40°C to 125°C
Electrical Characteristics
LM2670-3.3
Limits appearing in bold type face apply over the entire junction temperature range of operation,
−40°C to 125°C.
Specifications appearing in normal type apply for TA = TJ = 25°C. Sync pin open circuited.
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
VOUT
Output Voltage
VIN = 8V to 40V, 100mA ≤ IOUT ≤ 3A
3.3
3.234/3.201
3.366/3.399
V
η
Efficiency
VIN = 12V, ILOAD = 3A
86
%
(1)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
(2)
All limits are ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature
limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are ensured via correlation using
standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
LM2670-5.0 Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
VOUT
Output Voltage
VIN = 8V to 40V, 100mA ≤ IOUT ≤ 3A
5.0
4.900/4.850
5.100/5.150
V
η
Efficiency
VIN = 12V, ILOAD = 3A
88
%
(1)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
(2)
All limits are ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature
limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are ensured via correlation using
standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
LM2670-12 Electrical Characteristics
Symbol
Parameter
Conditions
Typ(1)
Min(2)
Max(2)
Units
VOUT
Output Voltage
VIN = 15V to 40V, 100mA ≤ IOUT ≤ 3A
12
11.76/11.64
12.24/12.36
V
η
Efficiency
VIN = 24V, ILOAD = 3A
94
%
(1)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
(2)
All limits are ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature
limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are ensured via correlation using
standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2670


Podobny numer części - LM2670S-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2670S-3.3 NSC-LM2670S-3.3 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670S-3.3/NOPB TI1-LM2670S-3.3/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
More results

Podobny opis - LM2670S-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com