Zakładka z wyszukiwarką danych komponentów |
|
LM2676S-3.3 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
LM2676S-3.3 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 35 page LM2676 SNVS031J – APRIL 2000 – REVISED APRIL 2013 www.ti.com DESIGN CONSIDERATIONS Figure 19. Basic Circuit for Fixed Output Voltage Applications. Figure 20. Basic Circuit for Adjustable Output Voltage Applications Power supply design using the LM2676 is greatly simplified by using recommended external components. A wide range of inductors, capacitors and Schottky diodes from several manufacturers have been evaluated for use in designs that cover the full range of capabilities (input voltage, output voltage and load current) of the LM2676. A simple design procedure using nomographs and component tables provided in this data sheet leads to a working design with very little effort. Alternatively, the design software, LM267X Made Simple (version 6.0), can also be used to provide instant component selection, circuit performance calculations for evaluation, a bill of materials component list and a circuit schematic. The individual components from the various manufacturers called out for use are still just a small sample of the vast array of components available in the industry. While these components are recommended, they are not exclusively the only components for use in a design. After a close comparison of component specifications, equivalent devices from other manufacturers could be substituted for use in an application. Important considerations for each external component and an explanation of how the nomographs and selection tables were developed follows. 10 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM2676 |
Podobny numer części - LM2676S-3.3 |
|
Podobny opis - LM2676S-3.3 |