Zakładka z wyszukiwarką danych komponentów |
|
LM2936M-3.3 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
LM2936M-3.3 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 28 page LM2936 SNOSC48N – JUNE 2000 – REVISED MARCH 2013 www.ti.com Electrical Characteristics for LM2936–3.0 (continued) VIN = 14V, IO = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature range Min Typical Max Parameter Conditions Units (1) (2) (1) Output Voltage, VOUT Output Off, VSD=2.4V, RLOAD = 500Ω 0 0.010 V Shutdown High Output Off, RLOAD = 500Ω 2.00 1.1 V Threshold Voltage, VIH Shutdown Low Output On, RLOAD = 500Ω 1.1 0.60 V Threshold Voltage, VIL Shutdown High Output Off, VSD = 2.4V, RLOAD = 500Ω 12 μA Current, IIH Quiescent Current Output Off, VSD = 2.4V, RLOAD = 500Ω 30 μA Includes IIH Current Electrical Characteristics for LM2936–3.3 VIN = 14V, IO = 10 mA, TJ = 25°C, unless otherwise specified. Boldface limits apply over entire operating temperature range Min Typical Max Parameter Conditions Units (1) (2) (1) LM2936HV–3.3 Only Output Voltage 5.5V ≤ VIN ≤ 48V, 3.201 3.300 3.399 V 100 µA ≤ IO ≤ 50 mA (3) Line Regulation 6V ≤ VIN ≤ 60V, IO = 1mA 10 30 mV All LM2936–3.3 3.234 3.300 3.366 Output Voltage V 4.0V ≤ VIN ≤ 26V, 3.201 3.300 3.399 100 µA ≤ IO ≤ 50 mA (3) Quiescent Current IO = 100 μA, 8V ≤ VIN ≤ 24V 15 20 μA IO = 10 mA, 8V ≤ VIN ≤ 24V 0.20 0.50 mA IO = 50 mA, 8V ≤ VIN ≤ 24V 1.5 2.5 mA Line Regulation 9V ≤ VIN ≤ 16V 5 10 mV 6V ≤ VIN ≤ 40V, IO = 1 mA 10 30 Load Regulation 100 μA ≤ IO ≤ 5 mA 10 30 mV 5 mA ≤ IO ≤ 50 mA 10 30 Dropout Voltage IO = 100 μA 0.05 0.10 V IO = 50 mA 0.20 0.40 V Short Circuit Current VO = 0V 65 120 250 mA Output Impedance IO = 30 mAdc and 10 mArms, 450 m Ω f = 1000 Hz Output Noise Voltage 10 Hz–100 kHz 500 μV Long Term Stability 20 mV/1000 Hr Ripple Rejection Vripple = 1Vrms, fripple = 120 Hz −40 −60 dB Reverse Polarity RL = 500Ω, T = 1 ms −50 −80 V Transient Input Voltage Output Voltage with VIN = −15V, RL = 500Ω 0.00 −0.30 V Reverse Polarity Input Maximum Line Transient RL = 500Ω, VO ≤ 3.63V, T = 40ms 60 V Output Bypass COUT = 22µF 0.3 8 Ω Capacitance (COUT) ESR 0.1mA ≤ IOUT ≤ 50mA Shutdown Input − LM2936BM–3.3 Only Output Voltage, VOUT Output Off, VSD=2.4V, RLOAD = 500Ω 0 0.010 V (1) Datasheet min/max specification limits are ensured by design, test, or statistical analysis. (2) Typicals are at 25°C (unless otherwise specified) and represent the most likely parametric norm. (3) To ensure constant junction temperature, pulse testing is used. 4 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM2936 |
Podobny numer części - LM2936M-3.3 |
|
Podobny opis - LM2936M-3.3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |