Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5346 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5346
Szczegółowy opis  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5346 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5346 Datasheet HTML 4Page - Analog Devices AD5346 Datasheet HTML 5Page - Analog Devices AD5346 Datasheet HTML 6Page - Analog Devices AD5346 Datasheet HTML 7Page - Analog Devices AD5346 Datasheet HTML 8Page - Analog Devices AD5346 Datasheet HTML 9Page - Analog Devices AD5346 Datasheet HTML 10Page - Analog Devices AD5346 Datasheet HTML 11Page - Analog Devices AD5346 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 8 of 24
AD5347 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
AD5347
LDAC
A1
A0
WR
CS
AGND
VOUTD
VREFCD
VREFEF
VREFGH
VOUTC
VOUTB
VOUTA
VREFAB
PD
VDD
DB2
DB3
DB4
CLR
GAIN
DB9
DB8
DB5
DB6
DB7
10-BIT
VOUTH
VOUTG
VOUTF
VOUTE
DGND
A2
RD
BUF
DB0
DGND
DB1
DGND
Figure 7. AD5347 Pin Configuration—TSSOP
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
CS
AGND
VOUTD
VOUTC
VOUTB
VOUTA
DB2
DB3
DB4
DB9
DB8
DB5
DB6
DB7
VOUTH
VOUTG
VOUTF
VOUTE
RD
AGND
TOP VIEW
(Not to Scale)
AD5347
10-BIT
Figure 8. AD5347 Pin Configuration—LFCSP
Table 6. AD5347 Pin Function Descriptions
Pin Number
TSSOP
LFCSP
Mnemonic
Function
1
35
VREFGH
Reference Input for DACs G and H.
2
36
VREFEF
Reference Input for DACs E and F.
3
37
VREFCD
Reference Input for DACs C and D.
4
38, 39
VDD
Power Supply Pin(s). This part can operate from 2.5 V to 5.5 V, and the supply should be decoupled
with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND. Both VDD pins on the LFCSP package
must be at the same potential.
5
40
VREFAB
Reference Input for DACs A and B.
6–9,
11–14
1–4,
7–10
VOUTX
Output of DAC X. Buffered output with rail-to-rail operation.
10
5, 6
AGND
Analog Ground. Ground reference for analog circuitry.
15, 21–22
11,
17–18
DGND
Digital Ground. Ground reference for digital circuitry.
16
12
BUF
Buffer Control Pin. Controls whether the reference input to the DAC is buffered or unbuffered.
17
13
LDAC
Active Low Control Input. Updates the DAC registers with the contents of the input registers, which
allows all DAC outputs to be simultaneously updated.
18
14
A0
LSB Address Pin. Selects which DAC is to be written to.
19
15
A1
Address Pin. Selects which DAC is to be written to.
20
16
A2
MSB Address Pin. Selects which DAC is to be written to.
23–32
19–28
DB0–DB9
Ten Parallel Data Inputs. DB9 Is the MSB of these ten bits.
33
29
CS
Active Low Chip Select Input. Used in conjunction with WR to write data to the parallel interface, or
with RD to read back data from a DAC.
34
30
RD
Active Low Read Input. Used in conjunction with CS to read data back from the internal DACs.
35
31
WR
Active Low Write Input. Used in conjunction with CS to write data to the parallel interface.
36
32
GAIN
Gain Control Pin. Controls whether the output range from the DAC is 0 V to VREF or 0 V to 2 × VREF.
37
33
CLR
Asynchronous Active Low Control Input. Clears all input registers and DAC registers to zeros.
38
34
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.


Podobny numer części - AD5346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP AD-AD5346BCP Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP-REEL AD-AD5346BCP-REEL Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BCP-REEL7 AD-AD5346BCP-REEL7 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5346BRU AD-AD5346BRU Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results

Podobny opis - AD5346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5342 AD-AD5342_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com