Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0832CCN Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADC0832CCN
Szczegółowy opis  ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0832CCN Arkusz danych(HTML) 3 Page - Texas Instruments

  ADC0832CCN Datasheet HTML 1Page - Texas Instruments ADC0832CCN Datasheet HTML 2Page - Texas Instruments ADC0832CCN Datasheet HTML 3Page - Texas Instruments ADC0832CCN Datasheet HTML 4Page - Texas Instruments ADC0832CCN Datasheet HTML 5Page - Texas Instruments ADC0832CCN Datasheet HTML 6Page - Texas Instruments ADC0832CCN Datasheet HTML 7Page - Texas Instruments ADC0832CCN Datasheet HTML 8Page - Texas Instruments ADC0832CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
www.ti.com
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Current into V+(4)
15 mA
Supply Voltage, VCC
(4)
6.5V
Logic Inputs
−0.3V to VCC + 0.3V
Voltage
Analog Inputs
−0.3V to VCC + 0.3V
Pin(5)
±5 mA
Input Current per
Package
±20 mA
Storage Temperature
−65°C to +150°C
Package Dissipation
at TA = 25°C (Board Mount)
0.8W
Lead Temperature (Soldering 10 sec.)
PDIP Package
260°C
Vapor Phase (60 sec.)
215°C
PLCC Package
Infrared (15 sec.)
220°C
ESD Susceptibility(6)
2000V
(1)
All voltages are measured with respect to the ground plugs.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Internal zener diodes (6.3 to 8.5V) are connected from V+ to GND and VCC to GND. The zener at V+ can operate as a shunt regulator
and is connected to VCC via a conventional diode. Since the zener voltage equals the A/D's breakdown voltage, the diode insures that
VCC will be below breakdown when the device is powered from V+. Functionality is therefore ensured for V+ operation even though the
resultant voltage at VCC may exceed the specified Absolute Max of 6.5V. It is recommended that a resistor be used to limit the max
current into V+. (See Figure 24 in Functional Description)
(5)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V
or V
IN > V
+) the absolute value of current at that pin
should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply
boundaries with a 5 mA current limit to four.
(6)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
Supply Voltage, VCC
4.5 VDC to 6.3 VDC
ADC0832/8CIWM ADC0834BCN, ADC0838BCV,
−40°C to +85°C
ADC0831/2/4/8CCN, ADC0838CCV
Temperature Range (TMIN ≤ TA ≤ TMAX)
ADC0831/2/4/8CCWM
0°C to +70°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to the ground plugs.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N


Podobny numer części - ADC0832CCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ADC0832CCN MICRO-LINEAR-ADC0832CCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0832CCN NSC-ADC0832CCN Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0832CCN TI-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN/NOPB TI-ADC0832CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Podobny opis - ADC0832CCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com