Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8361IDBQRG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8361IDBQRG4
Szczegółowy opis  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8361IDBQRG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS8361IDBQRG4 Datasheet HTML 4Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 5Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 6Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 7Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 8Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 9Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 10Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 11Page - Texas Instruments ADS8361IDBQRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADS8361
8
SBAS230E
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 10MHz, and fSAMPLE = 500kSPS, unless otherwise noted.
5
4
3
2
1
0
–1
–2
–3
–4
INTEGRAL LINEARITY ERROR vs CODE
8000H
C000H
0000H
4000H
7FFFH
Output Code
Typical curve for all four channels.
3
2
1
0
–1
DIFFERENTIAL LINEARITY ERROR vs CODE
8000H
C000H
0000H
4000H
7FFFH
Output Code
4
3
2
1
0
–1
–2
–3
–4
INTEGRAL LINEARITY MATCH OF
CHANNELS A0 AND B0 vs CODE
8000H
C000H
0000H
4000H
FFFFH
Output Code
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
Temperature (°C)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
–40
0
25
85
4
3
2
1
0
–1
–2
–3
–4
INTEGRAL LINEARITY MATCH OF
CHANNELS A0 AND A1 (or B0 and B1) vs CODE
8000H
C000H
0000H
4000H
FFFFH
Output Code
INTEGRAL LINEARITY ERROR MATCH
vs TEMPERATURE
Temperature (°C)
4
3
2
1
0
–1
–2
–3
Max
Min
–40
0
25
85


Podobny numer części - ADS8361IDBQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8361IDBQRG4 TI-ADS8361IDBQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8361IDBQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
logo
Analog Devices
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com