Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0838CIWMX Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADC0838CIWMX
Szczegółowy opis  ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0838CIWMX Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC0838CIWMX Datasheet HTML 2Page - Texas Instruments ADC0838CIWMX Datasheet HTML 3Page - Texas Instruments ADC0838CIWMX Datasheet HTML 4Page - Texas Instruments ADC0838CIWMX Datasheet HTML 5Page - Texas Instruments ADC0838CIWMX Datasheet HTML 6Page - Texas Instruments ADC0838CIWMX Datasheet HTML 7Page - Texas Instruments ADC0838CIWMX Datasheet HTML 8Page - Texas Instruments ADC0838CIWMX Datasheet HTML 9Page - Texas Instruments ADC0838CIWMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
AC Characteristics
The following specifications apply for VCC = 5V, tr = tf = 20 ns and 25°C unless otherwise specified.
Tested
Design
Limit
Parameter
Conditions
Typ(1)
Limit(2)
Limit(3)
Units
Min
10
kHz
fCLK, Clock Frequency
Max
400
kHz
tC, Conversion Time
Not including MUX Addressing Time
8
1/fCLK
Min
40
%
Clock Duty Cycle(4)
Max
60
%
tSET-UP, CS Falling Edge or Data Input Valid
250
ns
to CLK Rising Edge
tHOLD, Data Input Valid after CLK Rising
90
ns
Edge
CL=100 pF
tpd1, tpd0—CLK Falling Edge to Output Data
Data MSB First
650
1500
ns
Valid(5)
Data LSB First
250
600
ns
CL=10 pF, RL=10k (See TRI-STATE
125
250
ns
t1H, t0H,—Rising Edge of CS to Data Output
Test Circuits and Waveforms)
and SARS Hi–Z
CL=100 pf, RL=2k
500
ns
CIN, Capacitance of Logic Input
5
pF
COUT, Capacitance of Logic Outputs
5
pF
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Ensured but not 100% production tested. These limits are not used to calculate outgoing quality levels.
(4)
A 40% to 60% clock duty cycle range insures proper operation at all clock frequencies. In the case that an available clock has a duty
cycle outside of these limits, the minimum, time the clock is high or the minimum time the clock is low must be at least 1
μs. The
maximum time the clock can be high is 60
μs. The clock can be stopped when low so long as the analog input voltage remains stable.
(5)
Since data, MSB first, is the output of the comparator used in the successive approximation loop, an additional delay is built in (see
ADC0838-N Functional Block Diagram) to allow for comparator response time.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N


Podobny numer części - ADC0838CIWMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC0838CIWMX TI-ADC0838CIWMX Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838CIWMX/NOPB TI-ADC0838CIWMX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Podobny opis - ADC0838CIWMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com