Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7816PC Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS7816PC
Szczegółowy opis  12-Bit High Speed Micro Power Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7816PC Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7816PC Datasheet HTML 1Page - Texas Instruments ADS7816PC Datasheet HTML 2Page - Texas Instruments ADS7816PC Datasheet HTML 3Page - Texas Instruments ADS7816PC Datasheet HTML 4Page - Texas Instruments ADS7816PC Datasheet HTML 5Page - Texas Instruments ADS7816PC Datasheet HTML 6Page - Texas Instruments ADS7816PC Datasheet HTML 7Page - Texas Instruments ADS7816PC Datasheet HTML 8Page - Texas Instruments ADS7816PC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
®
ADS7816
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, unless otherwise specified.
CHANGE IN OFFSET vs REFERENCE VOLTAGE
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
12345
Reference Voltage (V)
CHANGE IN OFFSET vs TEMPERATURE
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–55
–40
–25
0
25
70
85
Temperature (°C)
CHANGE IN GAIN vs REFERENCE VOLTAGE
4
3.5
3
2.5
2
1.5
1
0.5
0
12345
Reference Voltage (V)
CHANGE IN GAIN vs TEMPERATURE
0.15
0.1
0.05
0
–0.05
–0.1
–0.15
–55
–40
–25
0
25
70
85
Temperature (°C)
EFFECTIVE NUMBER OF BITS
vs REFERENCE VOLTAGE
12
11.75
11.5
11.25
11
10.75
10.5
10.25
10
0.1
1
10
Reference Voltage (V)
PEAK-TO-PEAK NOISE vs REFERENCE VOLTAGE
10
9
8
7
6
5
4
3
2
1
0
0.1
1
10
Reference Voltage (V)


Podobny numer części - ADS7816PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7816PC TI-ADS7816PC Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PC TI-ADS7816PC Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816PCG4 TI-ADS7816PCG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PCG4 TI-ADS7816PCG4 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7816PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com