Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM35CAH Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM35CAH
Szczegółowy opis  LM35 Precision Centigrade Temperature Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CAH Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM35CAH Datasheet HTML 6Page - Texas Instruments LM35CAH Datasheet HTML 7Page - Texas Instruments LM35CAH Datasheet HTML 8Page - Texas Instruments LM35CAH Datasheet HTML 9Page - Texas Instruments LM35CAH Datasheet HTML 10Page - Texas Instruments LM35CAH Datasheet HTML 11Page - Texas Instruments LM35CAH Datasheet HTML 12Page - Texas Instruments LM35CAH Datasheet HTML 13Page - Texas Instruments LM35CAH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM35
+
OUT
VOUT = 10 mV/°C (TAMBIENT = 1 °C)
FROM + 2 °C TO + 40 °C
L
5 V
200
1%
6.8 k
5%
OR 10K RHEOSTAT
FOR GAIN ADJUST
200
1%
TWISTED PAIR
HEAT
FINS
LM35
+
OUT
VOUT = 10 mV/°C (TAMBIENT = 1 °C)
FROM + 2 °C TO + 40 °C
L
5 V
200
1%
6.8 k
5%
200
1%
TWISTED PAIR
HEAT
FINS
+
L
LM35
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
www.ti.com
Figure 16. Two-Wire Remote Temperature Sensor
(Grounded Sensor)
Figure 17. Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM35


Podobny numer części - LM35CAH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35CAH TI1-LM35CAH Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35CAH TI1-LM35CAH Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35CAH TGS-LM35CAH Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
More results

Podobny opis - LM35CAH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35 Datasheet
348Kb / 15P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com