Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2736XMK Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2736XMK
Szczegółowy opis  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736XMK Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM2736XMK Datasheet HTML 4Page - Texas Instruments LM2736XMK Datasheet HTML 5Page - Texas Instruments LM2736XMK Datasheet HTML 6Page - Texas Instruments LM2736XMK Datasheet HTML 7Page - Texas Instruments LM2736XMK Datasheet HTML 8Page - Texas Instruments LM2736XMK Datasheet HTML 9Page - Texas Instruments LM2736XMK Datasheet HTML 10Page - Texas Instruments LM2736XMK Datasheet HTML 11Page - Texas Instruments LM2736XMK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
BOOST
SW
GND
L
D1
D2
COUT
CBOOST
VOUT
CIN
VIN
VIN
VBOOST
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2736
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
www.ti.com
Figure 20. LM2736 Waveforms of SW Pin Voltage and Inductor Current
BOOST FUNCTION
Capacitor CBOOST and diode D2 in Figure 21 are used to generate a voltage VBOOST. VBOOST - VSW is the gate
drive voltage to the internal NMOS control switch. To properly drive the internal NMOS switch during its on-time,
VBOOST needs to be at least 1.6V greater than VSW. Although the LM2736 will operate with this minimum voltage,
it may not have sufficient gate drive to supply large values of output current. Therefore, it is recommended that
VBOOST be greater than 2.5V above VSW for best efficiency. VBOOST – VSW should not exceed the maximum
operating limit of 5.5V.
5.5V > VBOOST – VSW > 2.5V for best performance.
Figure 21. VOUT Charges CBOOST
When the LM2736 starts up, internal circuitry from the BOOST pin supplies a maximum of 20mA to CBOOST. This
current charges CBOOST to a voltage sufficient to turn the switch on. The BOOST pin will continue to source
current to CBOOST until the voltage at the feedback pin is greater than 1.18V.
There are various methods to derive VBOOST:
1. From the input voltage (VIN)
2. From the output voltage (VOUT)
3. From an external distributed voltage rail (VEXT)
4. From a shunt or series zener diode
In the Simplifed Block Diagram of Figure 19, capacitor CBOOST and diode D2 supply the gate-drive current for the
NMOS switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when the
internal NMOS control switch is off (TOFF) (refer to Figure 20), VBOOST equals VIN minus the forward voltage of D2
(VFD2), during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the
voltage stored across CBOOST is
VBOOST - VSW = VIN - VFD2 + VFD1
(1)
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2736


Podobny numer części - LM2736XMK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2736XMK NSC-LM2736XMK Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736XMKX NSC-LM2736XMKX Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736XMKX TI-LM2736XMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results

Podobny opis - LM2736XMK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com