Zakładka z wyszukiwarką danych komponentów |
|
AU1564 Arkusz danych(PDF) 3 Page - Aplus Intergrated Circuits |
|
AU1564 Arkusz danych(HTML) 3 Page - Aplus Intergrated Circuits |
3 / 12 page General Description: The AU1564, AU1564A, AU2064, AU2064A is a single chip voice synthesizer with 4-bit microprocessor. That can synthesize voice up to 15, 20 seconds by ALPHA qualified coding algorithm (LOGPCM). The 4-bit microprocessor has various feature including 4-bit ALU, 1K×15 bits ROM, 64×4 bits RAM, I/O port, timer, clock generator, LCD driver, etc. The instruction set with 78 instructions. With the half function can minimize power dissipation. Features: 1. Single power supply can operate from 2.4V through 6V 2. The total voice duration is about 15, 20 seconds could be partitioned up to 64 sections ( AU1564, AU1564A -->15 seconds, AU2064, AU2064A -->20 seconds) 3. The voice can be triggered by microprocessor instructions 4. Current output could drive 8 ohm speaker with a transistor, VOUT could drive buzzer or 64 ohm directly. 5. LCD driver provided, up to 3× 24=72 segments. Build-in HALVER circuitry. 6. Build-in clock generator 7. Internal ROM: 1024×15 bits Internal RAM: 64×4 bits 8. Two 4-bit input ports ( AU1564, AU1564A has no S4 pad) 9. Two 4-bit I/O ports 10. One 4-bit output port 11. One control output pins 12. 78 instructions 13. 4-level subroutine nesting (also used for interrupt) 14. Two external factors (INT, S & M port) for interrupt 15. Two internal factors (Timer , Divider) for interrupt 16. Three current output level 1.5mA, 3mA, 4.5mA is mask option (full scale). ( AU1564, AU1564A has no COUT output function) Block Diagram : Rev 2.0 2 AU Series |
Podobny numer części - AU1564 |
|
Podobny opis - AU1564 |