Zakładka z wyszukiwarką danych komponentów |
|
AU1564 Arkusz danych(PDF) 4 Page - Aplus Intergrated Circuits |
|
AU1564 Arkusz danych(HTML) 4 Page - Aplus Intergrated Circuits |
4 / 12 page LCD Common Plate Usage: Static 1/2 duty 1/3 duty COM1 Yes Yes Yes COM2 No Yes Yes COM3 No No Yes Alternating frequency 32Hz 32Hz 43Hz Voice Trigger: The voice circuitry will be Triggered in the rising edge of TRG signal. The Voice section address must be placed on I/OA and I/OB port. I/OB2 I/OB1 I/OA4 I/OA3 I/OA2 I/OA1 (MSB) (LSB) a)In power on state, TRG signal is reset to "LOW" level. TRG will stay at low level until the program set it to "HIGH" level. b) Before triggering the voice circuitry, used the OIOA and OIOB instruction to place the voice section address on I/OA and I/OB port. The voice section address couldn't be changed until the rising edge of TRG signal. c) After triggering voice, I/OA and I/OB ports must output 3F data or set to input mode. If not, there will be a standby current problem. d) Example of playing voice subroutine: Triggering the 26th(1Ah) section LDS 3,1 LDS 4,A OIOB 3 ; place voice section address to i/o port OIOA 4 RF 4 ; trigger voice SF 4 LDS 3,3 LDS 4,F OIOA 4 ; output 3F data to I/O port OIOB 3 Absolute Maximum Rating: (VDD=3V, VSS2=0V) Symbol Rating Unit VSS1 1.2-1.8 V GND 0-0.6 V CUP1 VSS2-VSS1 V CUP2 VSS1-VDD V OSCIN GND-VDD V OSCOUT GND-VDD V S1-S4 VSS2-VDD V M1-M4 VSS2-VDD V IOA1-IOA4 VSS2-VDD V IOB1-IOB4 VSS2-VDD V INT/BUSY VSS2-VDD V Symbol Rating Unit RESET VSS2-VDD V TRG VSS2-VDD V P1-P4 VSS2-VDD V SEG1-24 VSS2-VDD V COM1-3 VSS2-VDD V VOUT1-2 VSS2-VDD V T(operating) -10-+60 ℃ T(storage) -55-+125 ℃ Rev 2.0 3 AU Series |
Podobny numer części - AU1564 |
|
Podobny opis - AU1564 |