Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2990T-5.2 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM2990T-5.2
Szczegółowy opis  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2990T-5.2 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM2990T-5.2 Datasheet HTML 1Page - Texas Instruments LM2990T-5.2 Datasheet HTML 2Page - Texas Instruments LM2990T-5.2 Datasheet HTML 3Page - Texas Instruments LM2990T-5.2 Datasheet HTML 4Page - Texas Instruments LM2990T-5.2 Datasheet HTML 5Page - Texas Instruments LM2990T-5.2 Datasheet HTML 6Page - Texas Instruments LM2990T-5.2 Datasheet HTML 7Page - Texas Instruments LM2990T-5.2 Datasheet HTML 8Page - Texas Instruments LM2990T-5.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM2990
www.ti.com
SNVS093D – JUNE 1999 – REVISED APRIL 2013
Definition of Terms
Dropout Voltage: The input-output voltage differential at which the circuit ceases to regulate against further
reduction in input voltage. Measured when the output voltage has dropped 100 mV from the nominal value
obtained at (VO + 5V) input, dropout voltage is dependent upon load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminals with respect to ground.
Input-Output Differential: The voltage difference between the unregulated input voltage and the regulated
output voltage for which the regulator will operate.
Line Regulation: The change in output voltage for a change in the input voltage. The measurement is made
under conditions of low dissipation or by using pulse techniques such that the average chip temperature is
not significantly affected.
Load Regulation: The change in output voltage for a change in load current at constant chip temperature.
Long Term Stability: Output voltage stability under accellerated life-test conditions after 1000 hours with
maximum rated voltage and junction temperature.
Output Noise Voltage: The rms AC voltage at the output, with constant load and no input ripple, measured over
a specified frequency range.
Quiescent Current: That part of the positive input current that does not contribute to the positive load current.
The regulator ground lead current.
Ripple Rejection: The ratio of the peak-to-peak input ripple voltage to the peak-to-peak output ripple voltage.
Temperature Stability of VO: The percentage change in output voltage for a thermal variation from room
temperature to either temperature extreme.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2990


Podobny numer części - LM2990T-5.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2990T-5.2 NSC-LM2990T-5.2 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990T-5.2 TI-LM2990T-5.2 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-5.2 TI-LM2990T-5.2 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-5.2 TI1-LM2990T-5.2 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-5.2/NOPB TI1-LM2990T-5.2/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

Podobny opis - LM2990T-5.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com