Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3490IM5X-5.0 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3490IM5X-5.0
Szczegółowy opis  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3490IM5X-5.0 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3490IM5X-5.0 Datasheet HTML 3Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 4Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 5Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 6Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 7Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 8Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 9Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 10Page - Texas Instruments LM3490IM5X-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM3490
www.ti.com
SNVS012E – JUNE 1999 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless indicated otherwise, VIN = VNOM + 1.5V, CIN = 0.1 µF, COUT = 0.1 µF, and TA .=25°C.
Load Transient Response
Load Transient Response
Figure 14.
Figure 15.
Output Voltage
Output Voltage
vs Input Voltage
vs Input Voltage
Figure 16.
Figure 17.
Output Voltage
Output Voltage
vs Input Voltage
vs Input Voltage
Figure 18.
Figure 19.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3490


Podobny numer części - LM3490IM5X-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3490IM5X-5.0 NSC-LM3490IM5X-5.0 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490IM5X-5.0 NSC-LM3490IM5X-5.0 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5X-5.0 TI-LM3490IM5X-5.0 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
More results

Podobny opis - LM3490IM5X-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
[Old version datasheet]   LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
   Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
   Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com