Zakładka z wyszukiwarką danych komponentów |
|
LM3670MF-1.8 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
LM3670MF-1.8 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 25 page 1 MHz Oscillator Soft Start Ramp Generator + - Thermal Shutdown Undervoltage Lockout VREF + - 0.5V Error Amp Control Logic Driver Current Limit Comparator Ref1 PFM Current Comparator Ref2 SW Zero Crossing Comparator FB EN VIN PWM Comparator pfm_low pfm_hi GND Bandgap + - Vcomp 1.0V Frequency Compensation Adj Version Fixed Version LM3670 SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013 www.ti.com Electrical Characteristics (continued) Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range ( −40°C ≤ TJ ≤ +125°C). Unless otherwise noted VIN = 3.6V, VOUT = 1.8V, IO = 150mA, EN = VIN Symbol Parameter Condition Min Typ Max Units IEN Enable (EN) Input Current 0.01 1 µA FOSC Internal Oscillator Frequency PWM Mode 550 1000 1300 kHz Figure 4. Simplified Functional Diagram 6 Submit Documentation Feedback Copyright © 2004–2013, Texas Instruments Incorporated Product Folder Links: LM3670 |
Podobny numer części - LM3670MF-1.8 |
|
Podobny opis - LM3670MF-1.8 |