Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4050AIM3-41 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM4050AIM3-41
Szczegółowy opis  LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050AIM3-41 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM4050AIM3-41 Datasheet HTML 1Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 2Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 3Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 4Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 5Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 6Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 7Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 8Page - Texas Instruments LM4050AIM3-41 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM4050-N, LM4050-N-Q1
www.ti.com
SNOS455E – MAY 2000 – REVISED APRIL 2013
LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
Check for Samples: LM4050-N, LM4050-N-Q1
1
FEATURES
DESCRIPTION
Ideal for space critical applications, the LM4050-N
2
Small Package: SOT-23
precision voltage reference is available in the sub-
No Output Capacitor Required
miniature (3 mm x 1.3 mm) SOT-23 surface-mount
Tolerates Capacitive Loads
package. The LM4050-N design eliminates the need
for an external stabilizing capacitor while ensuring
Fixed Reverse Breakdown Voltages of 2.048V,
stability with any capacitive load, thus making the
2.500V, 4.096V, 5.000V, 8.192V, and 10.000V
LM4050-N easy to use. Further reducing design effort
is the availability of several fixed reverse breakdown
APPLICATIONS
voltages: 2.048V, 2.500V, 4.096V, 5.000V, 8.192V,
Portable, Battery-Powered Equipment
and
10.000V.
The
minimum
operating
current
increases from 60
μA for the LM4050-N-2.0 to 100
Data Acquisition Systems
μA for the LM4050-N-10.0. All versions have a
Instrumentation
maximum operating current of 15 mA.
Process Control
The LM4050-N utilizes fuse and zener-zap reverse
Energy Management
breakdown voltage trim during wafer sort to ensure
Product Testing
that the prime parts have an accuracy of better than
±0.1%
(A
grade)
at
25°C.
Bandgap
reference
Automotive
temperature
drift
curvature
correction
and
low
Precision Audio Components
dynamic
impedance
ensure
stable
reverse
breakdown voltage accuracy over a wide range of
KEY SPECIFICATIONS (LM4050-N-2.5)
operating temperatures and currents.
Output Voltage Tolerance (A grade, 25°C)
All grades and voltage options of the LM4050-N are
±0.1% (max)
available in both an industrial temperature range
(
−40°C and +85°C) and an extended temperature
Low Output Noise (10 Hz to 10 kHz) 41
range (
−40°C and +125°C).
μVrms(typ)
Wide Operating Current Range 60
μA to 15 mA
CONNECTION DIAGRAM
Industrial Temperature Range
−40°C to +85°C
Extended Temperature Range
−40°C to +125°C
Low Temperature Coefficient 50 ppm/°C (max)
LM4050-N-Q1A/-Q1B/-1QC are AECQ100 Grade
1 Qualified and are Manufactured on an
Automotive Grade Flow
*This pin must be left floating or connected
to pin 2.
Figure 1. SOT-23, Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM4050AIM3-41

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Podobny opis - LM4050AIM3-41

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050-N TI1-LM4050-N Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com