Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7868IDBVR Arkusz danych(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7868IDBVR
Szczegółowy opis  1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7868IDBVR Arkusz danych(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7868IDBVR Datasheet HTML 5Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 6Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 7Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 8Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 9Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 10Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 11Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 12Page - Burr-Brown (TI) ADS7868IDBVR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
TIMING REQUIREMENTS
(1) (2)
1
2
3
5
4
6
10
16
14
12
1
9
SCLK
SDO
Hi−Z
Auto Power− Down
7
8
Last SCLK= 16 for ADS 7866
14for ADS 7867
12for ADS 7868
Hi−Z
Auto Power−Down
2
tSU(CSF−FSCLKF)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tWH(CS)
tSU(LSBZ−CSF)
tDIS(EOC−SDOZ)
tSU(CSF−FSCLKF)
tD(CSF−SDOVALID)
“0”
“0”
“0”
tCONVERT
“0” “0”
“0”
tH(SCLKF−SDOVALID)
tD(SCLKF−SDOVALID)
tD(CSF−SDOVALID)
tSAMPLE
“0”
HOLD
EOC
CS
tCYCLE
MSB
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
LSB
ADS7866
ADS7867
ADS7868
SLAS465 – JUNE 2005
At –40°C to 85°C, f
SCLK = 3.4 MHz if 1.6 V ≤ VDD ≤ 3.6 V; fSCLK = 1.7 MHz if 1.2 V ≤ VDD < 1.6 V, 50-pF Load on SDO Pin,
unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsample
Sample time
tSU(CSF-FSCLKF) + 2 × tC(SCLK)
µs
ADS7866
13
× t
C(SCLK)
tconvert
Conversion time
ADS7867
11
× t
C(SCLK)
µs
ADS7868
9
× t
C(SCLK)
1.2 V
≤ V
DD < 1.6 V
See (3)
100
1.6 V
≤ V
DD < 1.8 V
See (3)
100
tC(SCLK)
Cycle time
µs
1.8 V
≤ V
DD < 2.5 V
See (3)
50
2.5 V
≤ V
DD ≤ 3.6 V
See (3)
6.7
tWH(SCLK)
Pulse duration
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
tWL(SCLK)
Pulse duration
0.4
× t
C(SCLK)
0.6
× t
C(SCLK)
ns
1.2 V
≤ V
DD < 1.6 V
192
tSU(CSF-FSCLKF)
Setup time
1.6 V
≤ V
DD < 1.8 V
55
ns
1.8 V
≤ V
DD ≤ 3.6 V
55
1.2 V
≤ V
DD < 1.6 V
65
tD(CSF-SDOVALID)
Delay time
1.6 V
≤ V
DD < 1.8 V
55
ns
1.8 V
≤ V
DD ≤ 3.6 V
55
1.2 V
≤ V
DD < 1.6 V
20
tH(SCLKF-SDOVALID)
Hold time
1.6 V
≤ V
DD < 1.8 V
10
ns
1.8 V
≤ V
DD ≤ 3.6 V
10
1.2 V
≤ V
DD < 1.6 V
140
tD(SCLKF-SDOVALID)
Delay time
1.6 V
≤ V
DD < 1.8 V
140
ns
1.8 V
≤ V
DD ≤ 3.6 V
140
1.2 V
≤ V
DD < 1.6 V
10
80
tDIS(EOC-SDOZ)
Disable time
1.6 V
≤ V
DD < 1.8 V
7
60
ns
1.8 V
≤ V
DD ≤ 3.6 V
7
60
1.2 V
≤ V
DD < 1.6 V
20
tWH(CS)
Pulse duration
1.6 V
≤ V
DD < 1.8 V
10
ns
1.8 V
≤ V
DD ≤ 3.6 V
10
1.2 V
≤ V
DD < 1.6 V
20
tSU(LSBZ-CSF)
Setup time
1.6 V
≤ V
DD < 1.8 V
10
ns
1.8 V
≤ V
DD ≤ 3.6 V
10
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagram in Figure 1.
(3)
Min tC(SCLK) is determined by the Min tSAMPLE of the specific resolution and supply voltage. See Acquisition Time, Conversion Time, and
Total Cycle Time section for further details.
Figure 1. Timing Diagram
9


Podobny numer części - ADS7868IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7868IDBVR TI-ADS7868IDBVR Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVR TI1-ADS7868IDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVRG4 TI-ADS7868IDBVRG4 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7868IDBVRG4 TI1-ADS7868IDBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Podobny opis - ADS7868IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7866 TI-ADS7866 Datasheet
541Kb / 24P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
[Old version datasheet]   ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com