Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-2700 Arkusz danych(PDF) 10 Page - Pixart Imaging Inc.

Numer części ADNS-2700
Szczegółowy opis  Single Chip USB Optical Mouse Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PIXART [Pixart Imaging Inc.]
Strona internetowa  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-2700 Arkusz danych(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-2700 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-2700 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25° C, VDDA5 = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Wakeup Delay from Rest Mode
Due to Motion
TWUPP
12ms
Power Up Delay
TPUP
50
ms
Debounce Delay on
Button Inputs
TDBB
ms
“Maximum” specified at 8 ms
polling rate.
Scroll Wheel Sampling Period
TSW
150
200
300
s
ZA PIN
Transient Supply Current
IDDT
60
mA
Max. supply current during
a VDDA5 ramp from 0 to 5.0 V
with > 500
s rise time. Does
not include charging currents
for bypass capacitors.
USB Electrical Specifications
Electrical Characteristics over recommended operating conditions.
Parameter
Symbol
Minimum
Maximum
Units
Notes
Output Signal Crossover Voltage
VCRS
1.5
2.0
V
CL = 200 to 600 pF (see Figure 10)
Input Signal Crossover Voltage
VICRS
1.2
2.1
V
CL = 200 to 600 pF (see Figure 10)
Output High
VOH
2.8
3.6
V
with 15 k
 to Ground and 7.5 k to VBUS on
D- (see Figure 11)
Output Low
VOL
0.0
0.3
V
with 15 k
 to Ground and 7.5 k to VBUS on
D- (see Figure 11)
Single Ended Input
VSEI
0.8
V
Input High (Driven)
VIH
2.0
V
Input High (Floating)
VIHZ
2.7
3.6
V
Input Low
VIL
0.8
V
7.5 k
 to VDDA5
Differential Input Sensitivity
VDI
0.2
V
|(D+)-(D-)| See Figure 12
Differential Input Common
Mode Range
VCM
0.8
2.5
V
Includes VDI, See Figure 12
Single Ended Receiver Threshold
VSE
0.8
2.0
V
Transceiver Input Capacitance
CIN
12
pF
D+ to VBUS, D- to VBUS
PixArt Imaging Inc.
ADNS-2700 Single Chip USB Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
23


Podobny numer części - ADNS-2700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
   Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
More results

Podobny opis - ADNS-2700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
   Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
   Single Chip USB Optical Mouse Sensor
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
   Single-chip USB/PS2 optical mouse
logo
Pixart Imaging Inc.
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com