Zakładka z wyszukiwarką danych komponentów |
|
AD824AR-14 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD824AR-14 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 16 page AD824 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. REV. C Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp FEATURES Single Supply Operation: 3 V to 30 V Very Low Input Bias Current: 2 pA Wide Input Voltage Range Rail-to-Rail Output Swing Low Supply Current: 500 A/Amp Wide Bandwidth: 2 MHz Slew Rate: 2 V/ s No Phase Reversal APPLICATIONS Photo Diode Preamplifier Battery Powered Instrumentation Power Supply Control and Protection Medical Instrumentation Remote Sensors Low Voltage Strain Gage Amplifiers DAC Output Amplifier GENERAL DESCRIPTION The AD824 is a quad, FET input, single supply amplifier, fea- turing rail-to-rail outputs. The combination of FET inputs and rail-to-rail outputs makes the AD824 useful in a wide variety of low voltage applications where low input current is a primary consideration. The AD824 is guaranteed to operate from a 3 V single supply up to ±15 V dual supplies. AD824AR-3V Parametric Perfor- mance at 3 V is fully guaranteed. Fabricated on ADI’s complementary bipolar process, the AD824 has a unique input stage that allows the input voltage to safely extend beyond the negative supply and to the positive supply without any phase inversion or latchup. The output voltage swings to within 15 mV of the supplies. Capacitive loads to 350 pF can be handled without oscillation. PIN CONFIGURATIONS 14-Lead Epoxy SOIC (R Suffix) 1 2 14 13 5 6 7 10 9 8 3 4 12 11 TOP VIEW (Not to Scale) AD824 OUT A –IN A +IN A V+ +IN B –IN B OUT B OUT D –IN D +IN D V– +IN C –IN C OUT C 16-Lead Epoxy SOIC (R Suffix) 1 2 3 4 5 6 7 8 14 13 12 11 10 9 15 16 OUT A –IN A +IN A V+ +IN B –IN B OUT B –IN D +IN D V– +IN C –IN C OUT C OUT D NC NC NC = NO CONNECT AD824 The FET input combined with laser trimming provides an input that has extremely low bias currents with guaranteed offsets below 1 mV. This enables high accuracy designs even with high source impedances. Precision is combined with low noise, making the AD824 ideal for use in battery powered medical equipment. Applications for the AD824 include portable medical equipment, photo diode preamplifiers and high impedance transducer amplifiers. The ability of the output to swing rail-to-rail enables designers to build multistage filters in single supply systems and maintain high signal-to-noise ratios. The AD824 is specified over the extended industrial (–40 ∞C to +85 ∞C) temperature range and is available in narrow 14-lead and 16-lead SOIC packages. |
Podobny numer części - AD824AR-14 |
|
Podobny opis - AD824AR-14 |