Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5254BRUZ1-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5254BRUZ1-RL7
Szczegółowy opis  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5254BRUZ1-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5254BRUZ1-RL7 Datasheet HTML 4Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 5Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 6Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 7Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 8Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 9Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 10Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 11Page - Analog Devices AD5254BRUZ1-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted
Table 4.
Parameter
Rating
V
DD to GND
−0.3 V, +7 V
V
SS to GND
+0.3 V, −7 V
V
DD to VSS
7 V
V
A, VB, VW to GND
V
SS, VDD
Maximum Current
I
WB, IWA Pulsed
±20 mA
I
WB Continuous (RWB ≤ 1 kΩ, A Open)
1
±5 mA
I
WA Continuous (RWA ≤ 1 kΩ, B Open)
1
±5 mA
I
AB Continuous
(R
AB = 1 kΩ/10 kΩ/50 kΩ/100 kΩ)
1
±5 mA/±500 µA/
±100 µA/±50 µA
Digital Inputs and Output Voltage to GND
0 V, 7 V
Operating Temperature Range
−40°C to +105°C
Maximum Junction Temperature (T
JMAX)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
TSSOP-20 Thermal Resistance2 θ
JA
143°C/W
1 Maximum terminal current is bound by the maximum applied voltage across
any two of the A, B, and W terminals at a given resistance, the maximum
current handling of the switches, and the maximum power dissipation of the
package. VDD = 5 V.
2 Package power dissipation = (T
JMAX − TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD5254BRUZ1-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5254BRUZ1-RL7 AD-AD5254BRUZ1-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Podobny opis - AD5254BRUZ1-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com