Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7865BS-2 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7865BS-2
Szczegółowy opis  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7865BS-2 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7865BS-2 Datasheet HTML 1Page - Analog Devices AD7865BS-2 Datasheet HTML 2Page - Analog Devices AD7865BS-2 Datasheet HTML 3Page - Analog Devices AD7865BS-2 Datasheet HTML 4Page - Analog Devices AD7865BS-2 Datasheet HTML 5Page - Analog Devices AD7865BS-2 Datasheet HTML 6Page - Analog Devices AD7865BS-2 Datasheet HTML 7Page - Analog Devices AD7865BS-2 Datasheet HTML 8Page - Analog Devices AD7865BS-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
REV. B
AD7865
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7865 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to DGND . . . . . . . . . . . . . . . . . . . . . . . . . VDD + 0.3 V
Analog Input Voltage to AGND
AD7865-1 (
±10 V Input Range) . . . . . . . . . . . . . . . . ±18 V
AD7865-1 (
±5 V Input Range) . . . . . . . . . . . . . . . . . . ±9 V
AD7865-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . –1 V to +18 V
AD7865-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . –4 V to +18 V
Reference Input Voltage to AGND . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Automotive (Y Version) . . . . . . . . . . . . . . –40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
PQFP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 95°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Input
Relative
Temperature
Package
Package
Model
Ranges
Accuracy
Ranges
Description
Option
AD7865AS-1
±5 V, ±10 V
±2 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865BS-1
±5 V, ±10 V
±1.5 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865YS-1
±5 V, ±10 V
±2 LSB
–40
°C to +105°C
Plastic Lead Quad Flatpack
S-44
AD7865AS-2
0 V to 2.5 V, 0 V to 5 V
±2 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865BS-2
0 V to 2.5 V, 0 V to 5 V
±1.5 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865YS-2
0 V to 2.5 V, 0 V to 5 V
±2 LSB
–40
°C to +105°C
Plastic Lead Quad Flatpack
S-44
AD7865AS-3
±2.5 V
±2 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865BS-3
±2.5 V
±1.5 LSB
–40
°C to +85°C
Plastic Lead Quad Flatpack
S-44
AD7865YS-3
±2.5 V
±2 LSB
–40
°C to +105°C
Plastic Lead Quad Flatpack
S-44
PIN CONFIGURATION
12 13 14 15 16 17 18 19 20 21 22
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
29
30
31
32
27
28
25
26
23
24
33 DB7
DB8
DB9
DB10
DB12
DB13
AGND
BUSY
FRSTDATA
CONVST
CS
RD
WR
CLK IN/SL1
INT/EXT CLK/SL2
SL3
SL4
H/S SEL
AVDD
VREF
AGND
AD7865
DB11


Podobny numer części - AD7865BS-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7865BS-2 AD-AD7865BS-2 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865BS-2 AD-AD7865BS-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-2 AD-AD7865BS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-2 AD-AD7865BS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-2 AD-AD7865BS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

Podobny opis - AD7865BS-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com