Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8802AR Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8802AR
Szczegółowy opis  12 Channel, 8-Bit TrimDACs with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8802AR Arkusz danych(HTML) 5 Page - Analog Devices

  AD8802AR Datasheet HTML 1Page - Analog Devices AD8802AR Datasheet HTML 2Page - Analog Devices AD8802AR Datasheet HTML 3Page - Analog Devices AD8802AR Datasheet HTML 4Page - Analog Devices AD8802AR Datasheet HTML 5Page - Analog Devices AD8802AR Datasheet HTML 6Page - Analog Devices AD8802AR Datasheet HTML 7Page - Analog Devices AD8802AR Datasheet HTML 8Page - Analog Devices AD8802AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8802/AD8804
REV. 0
–5–
100
0.0001
2.5
0.01
0.001
0.5
0
0.1
1.0
10
2
1.5
1
INPUT VOLTAGE – Volts
5
3
4.5
4
3.5
TA = +25°C
ALL DIGITAL INPUTS
TIED TOGETHER
VDD = +5V
VDD = +3V
Figure 7. Supply Current vs. Logic Input Voltage
80
60
40
20
0
100
100k
10k
1k
10
FREQUENCY – Hz
VDD = +5V
ALL OUTPUTS SET
TO MIDSCALE (80H)
Figure 8. Power Supply Rejection vs. Frequency
10
0%
100
90
0%
VDD = +5V
VREF = +5V
TIME – 5µs/DIV
4V
0V
5V
0V
OUT
CS
2V
5µs
6V
2V
5V
Figure 9. Large-Signal Settling Time
10
0%
100
90
OUTPUT1: OOH → FFH
TIME – 0.2µs/DIV
10mV
200ns
VDD = +5V
VREF = +5V
f = 1MHz
Figure 10. Adjacent Channel Clock Feedthrough
10
0%
100
90
OUTPUT1: 7FH → 80H
VDD = +5V
VREF = +5V
TIME – 1µs/DIV
OUT1
5mV/DIV
CS
5V/DIV
5mV
1µs
5V
Figure 11. Midscale Transition
HOURS OF OPERATION AT 150
°C
0.01
–0.01
0
–0.005
0.005
0
600
100
300
500
VDD = +4.5V
VREF = +4.5V
SS = 176 PCS
VREFL = 0V
200
400
Figure 12. Zero-Scale Error Accelerated by Burn-In


Podobny numer części - AD8802AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8802AR AD-AD8802AR Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802AR AD-AD8802AR Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802AR AD-AD8802AR Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARU AD-AD8802ARU Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARU AD-AD8802ARU Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
More results

Podobny opis - AD8802AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8804 AD-AD8804_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ANZ AD-AD8804ANZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802 Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com