Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8842AR-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8842AR-REEL
Szczegółowy opis  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8842AR-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8842AR-REEL Datasheet HTML 5Page - Analog Devices AD8842AR-REEL Datasheet HTML 6Page - Analog Devices AD8842AR-REEL Datasheet HTML 7Page - Analog Devices AD8842AR-REEL Datasheet HTML 8Page - Analog Devices AD8842AR-REEL Datasheet HTML 9Page - Analog Devices AD8842AR-REEL Datasheet HTML 10Page - Analog Devices AD8842AR-REEL Datasheet HTML 11Page - Analog Devices AD8842AR-REEL Datasheet HTML 12Page - Analog Devices AD8842AR-REEL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
REV.
–10–
AD8842
ADJUSTING AC OR DC SIGNAL LEVELS
The four-quadrant multiplication operation of the AD8842 is
shown in Figure 27. For dc operation the equation describing
the relationship between VIN, digital inputs and VOUT is:
VOUT(D) = (D/128-1)
× V
IN
(1)
where D is a decimal number between 0 and 255
The actual output voltages generated with a fixed 3 V dc input
applied to VIN are summarized in this table.
Table III.
Decimal
Comments
Input (D)
VOUT(D)
(VIN = 3 V)
0
–3.00 V
Inverted FS
1
–2.98
127
–0.02
128
0.00
Zero Output
129
0.02
254
2.95
255
2.98
Full Scale (FS)
Notice that the output polarity is the same as the input polarity
when the DAC register is loaded with 255 (in binary = all ones).
Also note that the output does not exactly equal the input volt-
age. This is a result of the R-2R ladder DAC architecture cho-
sen. When the DAC register is loaded with 0, the output
polarity is inverted and exactly equals the magnitude of the in-
put voltage VIN. The actual voltage measured when setting up a
DAC in this example will vary within the
±1 LSB linearity error
specification of the AD8842. The calculated voltage error would
be
±0.023 V (= ±3 V/128).
If VIN is an ac signal such as a sine wave, then we can use Equa-
tion 2 to describe circuit performance.
VOUT (t, D) = (D/128-1)
× A sin (
ωt)
(2)
where
ω = 2 πf, A = sine wave amplitude, and D = decimal
input code.
This transfer characteristic Equation 2 lends itself to amplitude
and phase control of the incoming signal VIN. When the DAC is
loaded with all zeros, the output sine wave is shifted by 180
°
with respect to the input sine wave. This powerful multiplying
capability can be used for a wide variety of modulation, wave-
form adjustment and amplitude control.
SIGNAL INPUTS (VINA, B, C, D, E, F, G, H)
The eight independent VIN inputs have a constant input-
resistance nominal value of 19 k
Ω as specified in the electrical
characteristics table. These signal-inputs are designed to receive
not only dc, but ac input voltages. The signal-input voltage
range can operate to within one volt of either supply. That is,
the operating input-voltage-range is:
VSS + 1 V < VINx < (VDD – 1 V)
(3)
DAC OUTPUTS (VOUTA, B, C, D, E, F, G, H)
The eight D/A converter outputs are fully buffered by the
AD8842’s internal amplifier. This amplifier is designed to drive
up to 1 k
Ω loads in parallel with 100 pF. However, in order to
minimize internal device power consumption, it is recom-
mended whenever possible to use larger values of load resis-
tance. The amplifier output stage can handle shorts to GND;
however, care should be taken to avoid continuous short circuit
operation.
The low output impedance of the buffers minimizes crosstalk
between analog input channels. A graph (Figure 11) of analog
crosstalk between channels is provided in the typical perfor-
mance characteristics section. At 100 kHz 70 dB of channel-to-
channel isolation exists. It is recommended to use good circuit
layout practice such as guard traces between analog channels
and power supply bypass capacitors. A 0.01
µF ceramic in paral-
lel with a 1
µF–10 µF tantalum capacitor provides a good power
supply bypass for most frequencies encountered.
DIGITAL INTERFACING
The four digital input pins (CLK, SDI, LD, PR) of the AD8842
were designed for TTL and 5 V CMOS logic compatibility. The
SDO output pin offers good fanout in CMOS logic applications
and can easily drive several AD8842s.
The Logic Contro Input Truth Table II describes how to shift
data into the internal 12-bit serial input register. Note that the
CLK is a positive-edge sensitive input. If mechanical switches
are used for breadboard evaluation, they should be debounced
by a flipflop or other suitable means. The basic three-wire serial
data interface setup is shown in Figure 30.
Figure 30. Basic Three-Wire Serial Interface
The required address plus data input format is defined in the se-
rial input decode Table I. Note there are 8 address states that
result in no operation (NOP) or activity in the AD8842 when
the positive edge triggered load-strobe (LD) is activated. This
NOP can be used in cascaded applications where only one DAC
out of several packages needs updating. The packages not re-
quiring data changes would receive the NOP address, that is, all
zeros. It takes 12 clocks on the CLK pin to fully load the serial-
input shift-register. Data on the SDI input pin is subject to the
timing diagram (Figure 3) data setup and data hold time re-
quirements. After the twelfth clock pulse the processor needs to
activate the LD strobe to have the AD8842 decode the serial-
register contents and update the target DAC register with the 8-
bit data word. This needs to be done before the thirteenth
positive clock edge. The timing requirements are provided in
the electrical characteristic table and in the Figure 3 timing dia-
gram. After twelve clock edges, data initially loaded into the
shift register at SDI appears at the shift register output SDO. A
multiple package interface circuit is shown in Figure 31. In this
topology all the devices are clocked with the new data; however,
only the decoded package address signal updates the target
package LD strobe which is being used as a chip select.
AD8842
7
20
17
16
21
19
6
+5V
–5V
PR
SDI
CLK
LD
ZERO VOLTAGE
OUTPUT PRESET
SERIAL DATA
CLOCK
LOAD STROBE
A


Podobny numer części - AD8842AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8842AR-REEL AD-AD8842AR-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Podobny opis - AD8842AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com