Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8644ARZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8644ARZ
Szczegółowy opis  Single and Quad 18 V Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8644ARZ Arkusz danych(HTML) 3 Page - Analog Devices

  AD8644ARZ Datasheet HTML 1Page - Analog Devices AD8644ARZ Datasheet HTML 2Page - Analog Devices AD8644ARZ Datasheet HTML 3Page - Analog Devices AD8644ARZ Datasheet HTML 4Page - Analog Devices AD8644ARZ Datasheet HTML 5Page - Analog Devices AD8644ARZ Datasheet HTML 6Page - Analog Devices AD8644ARZ Datasheet HTML 7Page - Analog Devices AD8644ARZ Datasheet HTML 8Page - Analog Devices AD8644ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8614/AD8644
Rev. B | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
5 V ≤ VS ≤ 18 V, VCM = VS/2, TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1.0
2.5
mV
−20°C ≤ TA ≤ +85°C
3
mV
Input Bias Current
IB
80
400
nA
−20°C ≤ TA ≤ +85°C
500
nA
Input Offset Current
IOS
5
100
nA
−20°C ≤ TA ≤ +85°C
200
nA
Input Voltage Range
0
VS
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS
60
75
dB
Voltage Gain
AVO
VOUT = 0.5 V to VS – 0.5 V, RL = 10 kΩ
10
150
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 10 mA
VS − 0.15
V
Output Voltage Low
VOL
ILOAD = 10 mA
65
150
mV
Output Short-Circuit Current
ISC
35
70
mA
−20°C ≤ TA ≤ +85°C
30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.25 V to ±9.25 V
80
110
dB
Supply Current/Amplifier
ISY
0.8
1.1
mA
−20°C ≤ TA ≤ +85°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
CL = 200 pF
7.5
V/μs
Gain Bandwidth Product
GBP
5.5
MHz
Phase Margin
Φo
65
Degrees
Settling Time
tS
0.01%, 10 V step
3
μs
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
en
f = 10 kHz
11
nV/√Hz
Current Noise Density
in
f = 10 kHz
1
pA/√Hz
1 All typical values are for VS = 18 V.


Podobny numer części - AD8644ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8644ARZ AD-AD8644ARZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARZ-REEL AD-AD8644ARZ-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARZ-REEL7 AD-AD8644ARZ-REEL7 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
More results

Podobny opis - AD8644ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com