Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3152E Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL3152E
Szczegółowy opis  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152E Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL3152E Datasheet HTML 1Page - Intersil Corporation ISL3152E Datasheet HTML 2Page - Intersil Corporation ISL3152E Datasheet HTML 3Page - Intersil Corporation ISL3152E Datasheet HTML 4Page - Intersil Corporation ISL3152E Datasheet HTML 5Page - Intersil Corporation ISL3152E Datasheet HTML 6Page - Intersil Corporation ISL3152E Datasheet HTML 7Page - Intersil Corporation ISL3152E Datasheet HTML 8Page - Intersil Corporation ISL3152E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN6363.2
July 30, 2009
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA
RATE
(Mbps)
SLEW-
RATE
LIMITED?
HOT
PLUG
#
DEVICES
ON BUS
Rx/Tx
ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL3150E
Full
0.115
Yes
Yes
256
Yes
600
Yes
10, 14
ISL3152E
Half
0.115
Yes
Yes
256
Yes
600
Yes
8
ISL3153E
Full
1
Yes
Yes
256
Yes
600
Yes
10, 14
ISL3155E
Half
1
Yes
Yes
256
Yes
600
Yes
8
ISL3156E
Full
20
No
Yes
256
Yes
600
Yes
10, 14
ISL3158E
Half
20
No
Yes
256
Yes
600
Yes
8
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL3150EIBZ (Notes 1, 3)
3150EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3150EIUZ (Notes 1, 3)
3150Z
-40 to +85
10 Ld MSOP
M10.118
ISL3152EIBZ (Notes 1, 3)
3152EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3152EIPZ (Notes 2, 3)
ISL3152 EIPZ
-40 to +85
8 Ld PDIP
E8.3
ISL3152EIUZ (Notes 1, 3)
3152Z
-40 to +85
8 Ld MSOP
M8.118
ISL3153EIBZ (Notes 1, 3)
3153EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3153EIUZ (Notes 1, 3)
3153Z
-40 to +85
10 Ld MSOP
M10.118
ISL3155EIBZ (Notes 1, 3)
3155EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3155EIUZ (Notes 1, 3)
3155Z
-40 to +85
8 Ld MSOP
M8.118
ISL3156EIBZ (Notes 1, 3)
3156EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL3156EIUZ (Notes 1, 3)
3156Z
-40 to +85
10 Ld MSOP
M10.118
ISL3158EIBZ (Notes 1, 3)
3158EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL3158EIUZ (Notes 1, 3)
3158Z
-40 to +85
8 Ld MSOP
M8.118
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information pages for ISL3150E, ISL3152E, ISL3153E, ISL3155E,
ISL3156E and ISL3158E. For more information on MSL please see techbrief TB363.
Pin Configurations
ISL3152E, ISL3155E, ISL3158E
(8 LD MSOP, 8 LD SOIC, 8 LD PDIP)
TOP VIEW
ISL3150E, ISL3153E, ISL3156E
(10 LD MSOP)
TOP VIEW
ISL3150E, ISL3153E, ISL3156E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Podobny numer części - ISL3152E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3152E INTERSIL-ISL3152E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152E INTERSIL-ISL3152E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3152E INTERSIL-ISL3152E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3152E INTERSIL-ISL3152E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Podobny opis - ISL3152E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3152EIBZ-T INTERSIL-ISL3152EIBZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com