Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM483EARZ1 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM483EARZ1
Szczegółowy opis  15,-15 kV ESD Protected, Slew Rate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM483EARZ1 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM483EARZ1 Datasheet HTML 3Page - Analog Devices ADM483EARZ1 Datasheet HTML 4Page - Analog Devices ADM483EARZ1 Datasheet HTML 5Page - Analog Devices ADM483EARZ1 Datasheet HTML 6Page - Analog Devices ADM483EARZ1 Datasheet HTML 7Page - Analog Devices ADM483EARZ1 Datasheet HTML 8Page - Analog Devices ADM483EARZ1 Datasheet HTML 9Page - Analog Devices ADM483EARZ1 Datasheet HTML 10Page - Analog Devices ADM483EARZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM483E
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOW VOLTAGE (V)
Figure 3. Output Current vs. Receiver Output Low Voltage
–30
–25
–20
–15
–10
–5
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT HIGH VOLTAGE (V)
Figure 4. Output Current vs. Receiver Output High Voltage
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 5. Receiver Output High Voltage vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 6. Receiver Output Low Voltage vs. Temperature
0
5
10
15
20
25
30
35
40
45
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 7. Driver Output Current vs. Differential Output Voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
–40
–20
0
20
406080
TEMPERATURE (°C)
Figure 8. Driver Differential Output Voltage vs. Temperature


Podobny numer części - ADM483EARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM483EARZ1 AD-ADM483EARZ1 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results

Podobny opis - ADM483EARZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
   ±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
   15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
logo
Maxim Integrated Produc...
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com