Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM6822SYRJZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADM6822SYRJZ-RL7
Szczegółowy opis  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM6822SYRJZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADM6822SYRJZ-RL7 Datasheet HTML 4Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 5Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 6Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 7Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 8Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 9Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 10Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 11Page - Analog Devices ADM6822SYRJZ-RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 9 of 12
CIRCUIT DESCRIPTION
The ADM682x provide microprocessor supply voltage
supervision by controlling the microprocessor’s reset input.
Code execution errors are avoided during power-up, power-
down, and brownout conditions by asserting a reset signal when
the supply voltage is below a preset threshold. In addition, the
ADM682x allow supply voltage stabilization with a fixed
timeout before the reset deasserts after the supply voltage rises
above the threshold.
Problems with microprocessor code execution can be
monitored and corrected with a watchdog timer (ADM6821/
ADM6822/ADM6823/ADM6824). When watchdog strobe
instructions are included in microprocessor code, a watchdog
timer detects if the microprocessor code breaks down or
becomes stuck in an infinite loop. If this happens, the watchdog
timer asserts a reset pulse, which restarts the microprocessor in
a known state.
If the user detects a problem with the system’s operation,
a manual reset input is available (ADM6821/ADM6822/
ADM6823/ADM6825) to reset the microprocessor by means
of an external push-button, for example.
RESET OUTPUT
The ADM6821 features an active-high push-pull reset output.
The ADM6822 features an active-low open-drain reset output,
while the ADM6823 features an active-low push-pull output.
The ADM6824/ADM6825 feature dual active-low and active-
high push-pull reset outputs. For active-low and active-high
outputs, the reset signal is guaranteed to be logic low and logic
high, respectively, for VCC down to 1 V.
The reset output is asserted when VCC is below the reset
threshold (VTH), when MR is driven low, or when WDI is not
serviced within the watchdog timeout period (tWD). Reset
remains asserted for the duration of the reset active timeout
period (tRP) after VCC rises above the reset threshold, after MR
transitions from low to high, or after the watchdog timer times
out. Figure 14 shows the reset outputs.
VCC
1V
VCC
0V
VCC
0V
VTH
VTH
0V
VCC
RESET
RESET
tRD
tRD
1V
tRP
tRP
Figure 14. Reset Timing Diagram
MANUAL RESET INPUT
The ADM6821/ADM6822/ADM6823/ADM6825 feature a
manual reset input (MR), which, when driven low, asserts the
reset output. When MR transitions from low to high, reset
remains asserted for the duration of the reset active timeout
period before deasserting. The MR input has a 50 kΩ internal
pull-up so that the input is always high when unconnected. An
external push-button switch can be connected between MR and
ground so that the user can generate a reset. Debounce circuitry
is integrated on-chip for this purpose. Noise immunity is
provided on the MR input, and fast, negative-going transients of
up to 100 ns (typ) are ignored. A 0.1 μF capacitor between MR
and ground provides additional noise immunity.
WATCHDOG INPUT
The ADM6821/ADM6822/ADM6823/ADM6824 feature a
watchdog timer, which monitors microprocessor activity. A
timer circuit is cleared with every low-to-high or high-to-low
logic transition on the watchdog input pin (WDI), which
detects pulses as short as 50 ns. If the timer counts through the
preset watchdog timeout period (tWD), reset is asserted. The
microprocessor is required to toggle the WDI pin to avoid
being reset. Failure of the microprocessor to toggle WDI within
the timeout period therefore indicates a code execution error,
and the reset pulse generated restarts the microprocessor in a
known state.
In addition to logic transitions on WDI, the watchdog timer is
also cleared by a reset assertion due to an undervoltage condi-
tion on VCC or MR being pulled low. When reset is asserted, the
watchdog timer is cleared and does not begin counting again
until reset deassserts. The watchdog timer can be disabled by
leaving WDI floating or by three-stating the WDI driver.
VCC
1V
VCC
0V
VCC
0V
VTH
0V
VCC
WDI
RESET
tRP
tRD
tWD
Figure 15. Watchdog Timing Diagram


Podobny numer części - ADM6822SYRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6822SART-RL AD-ADM6822SART-RL Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6822SART-RL7 AD-ADM6822SART-RL7 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
More results

Podobny opis - ADM6822SYRJZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6821 AD-ADM6821 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com