Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1706ARDZ-1.15R7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADP1706ARDZ-1.15R7
Szczegółowy opis  1 A, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.15R7 Arkusz danych(HTML) 2 Page - Analog Devices

  ADP1706ARDZ-1.15R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.15R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Soft Start Function (ADP1706) ................................................ 10
Adjustable Output Voltage (ADP1708)................................... 11
Track Mode (ADP1707) ............................................................ 11
Enable Feature ............................................................................ 11
Application Information................................................................ 12
Capacitor Selection .................................................................... 12
Voltage Tracking Applications.................................................. 12
Current Limit and Thermal Overload Protection ................. 12
Thermal Considerations............................................................ 13
PCB Layout Considerations...................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 17
REVISION HISTORY
6/07—Revision 0: Initial Version


Podobny numer części - ADP1706ARDZ-1.15R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1706ARDZ-1.15R7 AD-ADP1706ARDZ-1.15R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ARDZ-1.15R7 AD-ADP1706ARDZ-1.15R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Podobny opis - ADP1706ARDZ-1.15R7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com