Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC7036CCPZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUC7036CCPZ-RL
Szczegółowy opis  Integrated Precision Battery Sensor for Automotive
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC7036CCPZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUC7036CCPZ-RL Datasheet HTML 5Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 6Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 7Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 8Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 9Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 10Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 11Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 12Page - Analog Devices ADUC7036CCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
ADuC7036
Rev. C | Page 9 of 132
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PACKAGE THERMAL SPECIFICATIONS
Thermal Shutdown1, 31
140
150
160
°C
Thermal Impedance (θJA)32
48-lead LFCSP, stacked die
45
°C/W
POWER REQUIREMENTS
Power Supply Voltages
VDD (Battery Supply)
3.5
18
V
REG_DVDD, REG_AVDD33
2.5
2.6
2.7
V
Power Consumption
IDD (MCU Normal Mode)34
MCU clock rate = 10.24 MHz, ADC off
10
20
mA
MCU clock rate = 20.48 MHz, ADC off (valid for
ADuC7036CCPZ and ADuC7036DCPZ only)
20
30
mA
IDD (MCU Powered Down)1
ADC low power mode, measured over the range of
TA = −10°C to +40°C, continuous ADC conversion
300
400
μA
ADC low power mode, measured over the range of
TA = −40°C to +85°C, continuous ADC conversion
300
500
μA
ADC low power plus mode, measured over the
range of TA = −10°C to +40°C, continuous ADC
conversion
520
700
μA
Average current, measured with wake-up and
watchdog timer clocked from the low power
oscillator, TA = −40°C to +85°C
120
300
μA
IDD (MCU Powered Down)
Average current, measured with wake-up and
watchdog timer clocked from low power oscillator
over a range of TA = −10°C to +40°C
120
175
μA
IDD (Current ADC)
1.7
mA
IDD (Voltage/Temperature ADC)
0.5
mA
IDD (Precision Oscillator)
400
μA
1 These numbers are not production tested but are guaranteed by design and/or characterization data at production release.
2 Valid for current ADC gain setting of PGA = 4 to 64.
3 These numbers include temperature drift.
4 Tested at gain range = 4; self-offset calibration removes this error.
5 Measured with an internal short after an initial offset calibration.
6 Measured with an internal short.
7 These numbers include internal reference temperature drift.
8 Factory-calibrated at gain = 1.
9 System calibration at a specific gain range (and temperature) removes the error at this gain range (and temperature).
10 Includes an initial system calibration.
11 Using ADC normal mode voltage reference.
12 Typical noise in low power modes is measured with chop enabled.
13 Voltage channel specifications include resistive attenuator input stage.
14 System calibration removes this error at the specified temperature.
15 RMS noise is referred to voltage attenuator input (for example, at fADC = 1 kHz, typical rms noise at the ADC input is 7.5 μV) and scaled by the attenuator (divide-by-24)
to yield these input referred noise specifications/values.
16 Valid after an initial self-calibration.
17 In ADC low power mode, the input range is fixed at ±9.375 mV. In ADC low power plus mode, the input range is fixed at ±2.34375 mV.
18 It is possible to extend the ADC input range by up to 10% by modifying the factory set value of the gain calibration register or using system calibration. This approach
can also be used to reduce the ADC input range (LSB size).
19 Limited by minimum/maximum absolute input voltage range.
20 Valid for a differential input less than 10 mV.
21 Measured using box method.
22 The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.
23 References of up to REG_AVDD can be accommodated by enabling an internal divide-by-2.
24 Die temperature.
25 Endurance is qualified to 10,000 cycles as per JEDEC Std. 22 Method A117 and measured at −40°C, +25°C, and +125°C. Typical endurance at 25°C is 170,000 cycles.
26 Retention lifetime equivalent at junction temperature (TJ) of 85°C as per JEDEC Std. 22 Method A117. Retention lifetime derates with junction temperature.
27 Low power oscillator can be calibrated against either the precision oscillator or the external 32.768 kHz crystal in user code.
28 These numbers are not production tested, but are supported by LIN compliance testing.
29 BSD electrical specifications, except high and low voltage levels, are per LIN 2.0 with pull-up resistor disabled and CL = 10 nF maximum.
30 Specified after RLIMIT of 39 Ω.
31 The MCU core is not shut down but interrupted, and high voltage I/O pins are disabled in response to a thermal shutdown event.
32 Thermal impedance can be used to calculate the thermal gradient from ambient to die temperature.
33 Internal regulated supply available at REG_DVDD (ISOURCE = 5 mA), and REG_AVDD (ISOURCE = 1 mA).
34 The specification listed is typical; additional supply current consumed during Flash/EE memory program and erase cycles is 7 mA and 5 mA, respectively.


Podobny numer części - ADUC7036CCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuC7036CCPZ-RL AD-ADuC7036CCPZ-RL Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
More results

Podobny opis - ADUC7036CCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com